Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU2152FS Datasheet(PDF) 10 Page - Rohm

Part # BU2152FS
Description  4-input Serial-in / Parallel-out Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2152FS Datasheet(HTML) 10 Page - Rohm

Back Button BU2152FS Datasheet HTML 6Page - Rohm BU2152FS Datasheet HTML 7Page - Rohm BU2152FS Datasheet HTML 8Page - Rohm BU2152FS Datasheet HTML 9Page - Rohm BU2152FS Datasheet HTML 10Page - Rohm BU2152FS Datasheet HTML 11Page - Rohm BU2152FS Datasheet HTML 12Page - Rohm BU2152FS Datasheet HTML 13Page - Rohm BU2152FS Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10/12
BU2152FS
TSZ02201-0RHR1GZ00150-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
24.Aug.2015 Rev.002
www.rohm.com
TSZ22111・15・001
Operational Notes – continued
10. Inter-pin Short and Mounting Errors
Ensure that the direction and position are correct when mounting the IC on the PCB. Incorrect mounting may result in
damaging the IC. Avoid nearby pins being shorted to each other especially to ground, power supply and output pin.
Inter-pin shorts could be due to many reasons such as metal particles, water droplets (in very humid environment)
and unintentional solder bridge deposited in between pins during assembly to name a few.
11. Unused Input Pins
Input pins of an IC are often connected to the gate of a MOS transistor. The gate has extremely high impedance and
extremely low capacitance. If left unconnected, the electric field from the outside can easily charge it. The small
charge acquired in this way is enough to produce a significant effect on the conduction through the transistor and
cause unexpected operation of the IC. So unless otherwise specified, unused input pins should be connected to the
power supply or ground line.
12. Regarding the Input Pin of the IC
In the construction of this IC, P-N junctions are inevitably formed creating parasitic diodes or transistors. The
operation of these parasitic elements can result in mutual interference among circuits, operational faults, or physical
damage. Therefore, conditions which cause these parasitic elements to operate, such as applying a voltage to an
input pin lower than the ground voltage should be avoided. Furthermore, do not apply a voltage to the input pins
when no power supply voltage is applied to the IC. Even if the power supply voltage is applied, make sure that the
input pins have voltages within the values specified in the electrical characteristics of this IC.
13. Ceramic Capacitor
When using a ceramic capacitor, determine the dielectric constant considering the change of capacitance with
temperature and the decrease in nominal capacitance due to DC bias and others.
14. Area of Safe Operation (ASO)
Operate the IC such that the output voltage, output current, and power dissipation are all within the Area of Safe
Operation (ASO).
Ordering Information
B
U
2
1
5
2
F S
-
E 2
Part Number
Package
FS:SSOP-A32
Packaging and forming specification
E2: Embossed tape and reel
Marking Diagrams
SSOP-A32(TOP VIEW)
B U 2 1 5 2 F S
Part Number Marking
LOT Number
1PIN MARK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com