Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU2152FS Datasheet(PDF) 4 Page - Rohm

Part # BU2152FS
Description  4-input Serial-in / Parallel-out Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2152FS Datasheet(HTML) 4 Page - Rohm

  BU2152FS Datasheet HTML 1Page - Rohm BU2152FS Datasheet HTML 2Page - Rohm BU2152FS Datasheet HTML 3Page - Rohm BU2152FS Datasheet HTML 4Page - Rohm BU2152FS Datasheet HTML 5Page - Rohm BU2152FS Datasheet HTML 6Page - Rohm BU2152FS Datasheet HTML 7Page - Rohm BU2152FS Datasheet HTML 8Page - Rohm BU2152FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4/12
BU2152FS
TSZ02201-0RHR1GZ00150-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
24.Aug.2015 Rev.002
www.rohm.com
TSZ22111・15・001
Electrical Characteristics (Unless otherwise specified VDD=5V, VSS=0V, TA =25°C)
Parameter
Symbol
Limits
Symbol
Limits
Min
Typ
Min
Input High-level Voltage
VIH
2.0
-
-
V
-
Input Low-level Voltage
VIL
-
-
0.6
V
-
Output Hi-level Voltage
VOH
VDD-1.5
-
-
V
IOH=-25mA
VDD-1.0
-
-
IOH=-15mA
VDD-0.5
-
-
IOH=-10mA
Output Low-level Voltage
VOL
-
-
1.5
V
IOL=+25mA
-
-
1.0
IOL=+15mA
-
-
0.8
IOL=+10mA
Input High-level Leak Current
IIH
-
-
1
μA
Input Low-level Leak Current
IIL
-
-
1
μA
Quiescent Current
IDD
-
-
5
μA
VIL=VSS, VIH=VDD,
OUTPUT:OPEN
VDD
VSS
VIH
VIL
VSS
Figure 1. Input High/Low Voltage Measurement Circuit
Test condition
VOL:Set all data “Low”. SW2=”2”, SW1=”1” to”24”,SO.
VOH:Set all data “High”. SW2=”1”, SW1=”1” to”24”,SO.
Figure 2. Output High/Low Voltage Measurement Circuit
P.G.
IOL
IOH
SW2
1
2
1
24
SW1
VSS
VSS VSS
SO
VDD
VSS
P.G.
0.1µF
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com