Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU2152FS Datasheet(PDF) 7 Page - Rohm

Part # BU2152FS
Description  4-input Serial-in / Parallel-out Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2152FS Datasheet(HTML) 7 Page - Rohm

Back Button BU2152FS Datasheet HTML 3Page - Rohm BU2152FS Datasheet HTML 4Page - Rohm BU2152FS Datasheet HTML 5Page - Rohm BU2152FS Datasheet HTML 6Page - Rohm BU2152FS Datasheet HTML 7Page - Rohm BU2152FS Datasheet HTML 8Page - Rohm BU2152FS Datasheet HTML 9Page - Rohm BU2152FS Datasheet HTML 10Page - Rohm BU2152FS Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7/12
BU2152FS
TSZ02201-0RHR1GZ00150-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
24.Aug.2015 Rev.002
www.rohm.com
TSZ22111・15・001
Timing Chart
1.
After the power is turned on and the voltage is stabilized, STB should be activated, after clocking 24 data bits
into the DATA terminal.
2.
P1 to P24 parallel output data of the shift register is set after the 24
th clock by the LCK.
3.
Since the STB is a level trigger latch, data is retained in the “H” section and renewed in the “L” section of the
STB.
4.
The final stage data of the shift register is outputted to the SO by synchronizing with the rise time of the CLK.
[
Truth Table]
Input
Function
CLK
STB
CLB
×
×
L
All the data of the latch circuit are set to “H” (data of shift register does not
change), all the parallel outputs are “H”.
H
H
Serial data of DATA pin are latched to the shift register.
At this time, the data of the latch circuit does not change.
L
L
H
The data of the shift register are transferred to the latch circuit, and the data of
the latch circuit are outputted from the parallel output pin.
H
The data of the shift register shifts 1bit, and the data of the latch circuit and
parallel output also change.
CLK
DATA
DATA24 DATA23
DATA22
DATA2
DATA1
P1~P24
Previous
DATA
DATA
SO
Previous
DATA24
Previous
DATA23
Previous
DATA2
DATA24
Previous
DATA1
DATA23 DATA22
STB
Figure 5. Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com