Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU2152FS Datasheet(PDF) 1 Page - Rohm

Part # BU2152FS
Description  4-input Serial-in / Parallel-out Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2152FS Datasheet(HTML) 1 Page - Rohm

  BU2152FS Datasheet HTML 1Page - Rohm BU2152FS Datasheet HTML 2Page - Rohm BU2152FS Datasheet HTML 3Page - Rohm BU2152FS Datasheet HTML 4Page - Rohm BU2152FS Datasheet HTML 5Page - Rohm BU2152FS Datasheet HTML 6Page - Rohm BU2152FS Datasheet HTML 7Page - Rohm BU2152FS Datasheet HTML 8Page - Rohm BU2152FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
○
Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
1/12
TSZ02201-0RHR1GZ00150-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
24.Aug.2015 Rev.002
www.rohm.com
TSZ22111・14・001
Serial-in / Parallel-out Driver Series
4-input Serial-in / Parallel-out Drivers
BU2152FS
Description
BU2152FS is a CMOS output driver. It incorporates a
built-in shift register and a latch circuit to turn on a
maximum of 24 output by a 4-wire interface, linked to a
microcontroller.
A CMOS output can provides maximum 25mA current.
Features
Possible to drive LED directly
24bit parallel output
Pin Configurations
Key Specifications
Power supply voltage range:
2.7V to 5.5V
Output voltage:
0V to VDD
Operating temperature range:
-25°C to +85°C
Package
W(Typ) x D(Typ) x H(Max)
SSOP-A32
13.60mm x 7.80mm x 2.01mm
Block Diagrams
SSOP-A32
P1~P24
Controller
Shift
Register
24bit
Latch
Write Buffer
STB
CLB
DATA
CLK
SO
SSOP-A32
P14
P15
31
30
29
28
27
26
P21
P22
P23
P24
CLB
SO
VDD
32
25
24
23
P20
P19
(Top View)
STB
7
6
5
4
3
2
P4
P3
P1
DATA
VSS
CLK
1
VSS
8
P5
9
P6 10
P2
7
6
5
P4
P3
P1
8
P5
9
P6 10
P2
13
12
11
P10
P9
P7
14
P11 15
P12 16
P8
22
21
20
19
P16
P17
P18
18
17 P13
Datasheet


Similar Part No. - BU2152FS

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
BU2152FS LSI-BU2152FS Datasheet
150Kb / 2P
24bit serial/parallel converter IC
logo
Rohm
BU2152FS ROHM-BU2152FS Datasheet
491Kb / 25P
Serial / Parallel 4-input Drivers
BU2152FS ROHM-BU2152FS Datasheet
491Kb / 25P
Serial / Parallel 4-input Drivers
BU2152FS ROHM-BU2152FS Datasheet
451Kb / 25P
Serial / Parallel 4-input Drivers
BU2152FS-E2 ROHM-BU2152FS-E2 Datasheet
491Kb / 25P
Serial / Parallel 4-input Drivers
More results

Similar Description - BU2152FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62C851P TOSHIBA-TD62C851P Datasheet
332Kb / 10P
8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
TD62C853F TOSHIBA-TD62C853F Datasheet
381Kb / 10P
8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
logo
Rohm
BU2050F ROHM-BU2050F_1 Datasheet
491Kb / 25P
Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F_09 Datasheet
491Kb / 25P
Serial / Parallel 4-input Drivers
BD7851FP-E2 ROHM-BD7851FP-E2 Datasheet
451Kb / 25P
Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F_16 Datasheet
1Mb / 15P
4-input Serial-in / Parallel-out Drivers
BU2090F ROHM-BU2090F_15 Datasheet
1Mb / 16P
2-input Serial- in / Parallel- out Drivers
BU2092F ROHM-BU2092F_15 Datasheet
1Mb / 17P
4-input Serial-in / Parallel-out Drivers
BU2098F ROHM-BU2098F_15 Datasheet
1Mb / 18P
Serial in/Parallel out Drivers
BU2099FV ROHM-BU2099FV_15 Datasheet
1Mb / 16P
4-input Serial-in / Parallel-out Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com