Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU2152FS Datasheet(PDF) 3 Page - Rohm

Part # BU2152FS
Description  4-input Serial-in / Parallel-out Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2152FS Datasheet(HTML) 3 Page - Rohm

  BU2152FS Datasheet HTML 1Page - Rohm BU2152FS Datasheet HTML 2Page - Rohm BU2152FS Datasheet HTML 3Page - Rohm BU2152FS Datasheet HTML 4Page - Rohm BU2152FS Datasheet HTML 5Page - Rohm BU2152FS Datasheet HTML 6Page - Rohm BU2152FS Datasheet HTML 7Page - Rohm BU2152FS Datasheet HTML 8Page - Rohm BU2152FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/12
BU2152FS
TSZ02201-0RHR1GZ00150-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
24.Aug.2015 Rev.002
www.rohm.com
TSZ22111・15・001
Absolute Maximum Ratings
Parameter
Symbol
Limits
Unit
Supply Voltage
VDD
-0.3 to +7.0
V
Input Voltage
VIN
VSS-0.3 to VDD+0.3
V
Output Voltage
Vo
VSS-0.3 to VDD+0.3
V
Total output current
Σ
Io
55
mA
Operating Temperature Range
Topr
-25 to +85
°C
Storage Temperature
Tstg
-55 to +125
°C
Power Dissipation
PD
0.76
(Note 1)
W
(Note 1) Derate by 7.6mW/°C when operating above TA=25°C (when mounted in ROHM’s standard board).
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Recommended Operating Conditions (TA =25°C, VSS=0V)
Parameter
Symbol
Limits
Unit
Condition
Min
Typ
Max
Power Supply Voltage
VDD
2.7
-
5.5
V
(Note 2)
Output Voltage
VO
0
-
VDD
V
-
Input rise time
tr
-
-
1
µs
applied to CLK,DATA,STB,CLB
pins
(Note 3)
Input fall time
tf
-
-
1
µs
(Note 2) Set “L” to CLB pin during power up. Set ”H” to CLB pin after power is stable.
When VDD become equal to or less than 2.2V, set “L” to CLB pin to clear the latch circuit.
(Note 3) The input signal transition should be linear. Noise shouldn’t be on these input pins as there is no hysteresis countermeasure on them.
The length of power and ground lines should be as short as possible and the bypass capacitor should be as close to the IC as possible so that
the ground noise caused by the current in its operation don’t cause any undesirable data errors.
The rise and fall times had better be smaller than the specified limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com