Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61535A Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS61535A
Description  T1/E1 LINE INTERFACE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61535A Datasheet(HTML) 1 Page - Cirrus Logic

  CS61535A Datasheet HTML 1Page - Cirrus Logic CS61535A Datasheet HTML 2Page - Cirrus Logic CS61535A Datasheet HTML 3Page - Cirrus Logic CS61535A Datasheet HTML 4Page - Cirrus Logic CS61535A Datasheet HTML 5Page - Cirrus Logic CS61535A Datasheet HTML 6Page - Cirrus Logic CS61535A Datasheet HTML 7Page - Cirrus Logic CS61535A Datasheet HTML 8Page - Cirrus Logic CS61535A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Features
• Provides Analog PCM Line Interface
for T1 and E1 Applications
• Provides Line Driver, and Data and
Clock Recovery Functions
• Transmit Side Jitter Attenuation
Starting at 6 Hz, with > 300 UI of Jitter
Tolerance
• Low Power Consumption
(typically 175 mW)
• B8ZS/HDB3/AMI Encoders/Decoders
• 14 dB of Transmitter Return Loss
• Compatible with SONET, M13 , CCITT
G.742, and Other Asynchronous
Muxes
General Description
The CS61535A combines the complete analog transmit
and receive line interface for T1 or E1 applications in a
low power, 28-pin device operating from a +5V supply.
The device features a transmitter jitter attenuator mak-
ing it ideal for use in asynchronous multiplexor systems
with gapped transmit clocks. The CS61535A provides a
matched, constant impedance output stage to insure
signal quality on mismatched, poorly terminated lines.
Both ICs use a digital Delay-Locked-Loop clock and
data recovery circuit which is continuously calibrated
from a crystal reference to provide excellent stability
and jitter tolerance.
Applications
• Interfacing network transmission equipment such as
SONET multiplexor and M13 to a DSX-1 cross connect.
• Interfacing customer premises equipment to a CSU.
• Interfacing to E1 links.
Ordering Information
CS61535A-IP1
28 Pin Plastic DIP
CS61535A-IL1
28 Pin PLCC (j-leads)
MAY ’96
DS40F2
1
Crystal Semiconductor Corporation
P.O. Box 17847, Austin, TX 78760
(512) 445-7222 FAX: (512) 445-7581
SIGNAL
QUALITY
MONITOR
13
TTIP
TCLK
7
RRING
RTIP
19
20
17
11
18
TRING
16
TGND
14
CONTROL
DRIVER
MONITOR
LINE RECEIVER
LINE DRIVER
15
PULSE
SHAPER
3
2
6
4
RCLK
8
ACLKI
27
LLOOP
(SCLK)
26
RLOOP
(CS)
25
24
(INT)
LEN0
(SDI)
LEN1
(SDO)
LEN2
28
23
(CLKE)
TAOS
5
MODE
AMI,
B8ZS,
HDB3
CODER
TPOS
[TDATA]
RPOS
[RDATA]
RNEG
[BPV]
TNEG
[TCODE]
MTIP
[RCODE]
MRING
[PCS]
DPM
[AIS]
LOS
12
21
RV+
22
RGND
1
CLOCK &
DATA
RECOVERY
XTALIN
9
XTALOUT
10
JITTER
ATTENUATOR
LOOP
BACK
TV+
[ ] = Pin Function in Extended Hardware Mode
( ) = Pin Function in Host Mode
Copyright
© Crystal Semiconductor Corporation 1996
(All Rights Reserved)
CS61535A
T1/E1 Line Interface


Similar Part No. - CS61535A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61535A CIRRUS-CS61535A Datasheet
415Kb / 36P
T1/E1 Line Interface
CS61535A-IL1Z CIRRUS-CS61535A-IL1Z Datasheet
415Kb / 36P
T1/E1 Line Interface
CS61535A CIRRUS-CS61535A_09 Datasheet
415Kb / 36P
T1/E1 Line Interface
More results

Similar Description - CS61535A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61574A CIRRUS-CS61574A Datasheet
651Kb / 44P
T1/E1 LINE INTERFACE
CS61577 CIRRUS-CS61577 Datasheet
632Kb / 44P
T1/E1 LINE INTERFACE
logo
List of Unclassifed Man...
CS61577-IL1 ETC-CS61577-IL1 Datasheet
632Kb / 44P
T1/E1 LINE INTERFACE
logo
Cirrus Logic
CS61304A CIRRUS-CS61304A Datasheet
354Kb / 32P
T1/E1 Line Interface
CS61305A CIRRUS-CS61305A Datasheet
631Kb / 44P
T1/E1 LINE INTERFACE
CS61584A CIRRUS-CS61584A Datasheet
1,010Kb / 54P
DUAL T1/E1 LINE INTERFACE
CS61535A CIRRUS-CS61535A_09 Datasheet
415Kb / 36P
T1/E1 Line Interface
CS61574A CIRRUS-CS61574A_09 Datasheet
463Kb / 34P
T1/E1 Line Interface
CS61577 CIRRUS-CS61577_09 Datasheet
438Kb / 30P
T1/E1 Line Interface
logo
Allied Components Inter...
ATE-4207I ALLIED-ATE-4207I Datasheet
317Kb / 1P
T1/E1/CEPT Line Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com