Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61535A Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS61535A
Description  T1/E1 LINE INTERFACE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61535A Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS61535A Datasheet HTML 29Page - Cirrus Logic CS61535A Datasheet HTML 30Page - Cirrus Logic CS61535A Datasheet HTML 31Page - Cirrus Logic CS61535A Datasheet HTML 32Page - Cirrus Logic CS61535A Datasheet HTML 33Page - Cirrus Logic CS61535A Datasheet HTML 34Page - Cirrus Logic CS61535A Datasheet HTML 35Page - Cirrus Logic CS61535A Datasheet HTML 36Page - Cirrus Logic CS61535A Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
locked VT operation, Table A1 shows potential
sub-multiple data rates, and the impact on those
rates on the maximum gap in the output clock of
the FIFO, and depth of FIFO required. FIFO
depth will have to be increased for floating VT
operation, with 8 bits of FIFO depth being added
for each pointer alignment change that can occur.
The objective that should be met in picking a
FIFO depth and clock divider is keep the maxi-
mum gap on the output of the FIFO at 12 bits or
less. Twelve bits is the maximum jitter which can
be input to the CS61535A’s jitter attenuator with-
out causing the overflow/undeflow protection
circuit to operate. The CS61535A then removes
the remaining jitter from the signal.
The receive path also requires a bit mapping
(from 193 or 256 bits to 6480 bits). This mapping
requires an input buffer with the same depth as
use on the transmit path. This buffer also absorbs
the output jitter generated by the CS61535A’s
digital clock recovery.
Transformers
Recommended transmitter and receiver trans-
former specifications for the CS61535A are
shown in Table A2. The transformers in Table A3
have been tested and recommended for use with
the CS61535A. Refer to the "Telecom Trans-
former Selection Guide" for detailed schematics
which show how to connect the line interface IC
with a particular transformer.
In applications with the CS61535A where it is ad-
vantageous to use a single transmitter transformer
for both 75
Ω and 120Ω E1 applications, a 1:1.26
transforer may be used. Although transmitter re-
turn loss will be reduced for 75
Ω applications, the
pulse amplitude will be correct across a 75
Ω
load.
Target Rate
(MHz)
Clock
Divider
Resultant
Rate (MHz)
Maximum Gap
FIFO Depth
Required
(
µs)
bits
1.544
32
1.620
6.2
10
21
1.544
33
1.571
3.9
6
26
2.048
25
2.074
3.4
7
34
Table A1. Locked VT FIFO Analysis
Parameter
CS61535A Receiver
CS61535A Transmitter
Turns Ratio
1:2 CT
± 5%
1:1
± 1.5 % for 75 Ω E1
1:1.15
± 5 % for 100 Ω T1
1:1.26
± 1.5 % for 120 Ω E1
Primary Inductance
600
µH min. @ 772 kHz
1.5 mH min. @ 772 kHz
Primary Leakage Inductance
1.3
µH max. @ 772 kHz
0.3
µH max. @ 772 kHz
Secondary Leakage Inductance
0.4
µH max. @ 772 kHz
0.4
µH max. @ 772 kHz
Interwinding Capacitance
23 pF max.
18 pF max.
ET-constant
16 V-
µs min. for T1
12 V-
µs min. for E1
16 V-
µs min. for T1
12 V-
µs min. for E1
Table A2. Transformer Specifications
CS61535A
DS40F2
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com