Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61535A Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS61535A
Description  T1/E1 LINE INTERFACE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61535A Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS61535A Datasheet HTML 8Page - Cirrus Logic CS61535A Datasheet HTML 9Page - Cirrus Logic CS61535A Datasheet HTML 10Page - Cirrus Logic CS61535A Datasheet HTML 11Page - Cirrus Logic CS61535A Datasheet HTML 12Page - Cirrus Logic CS61535A Datasheet HTML 13Page - Cirrus Logic CS61535A Datasheet HTML 14Page - Cirrus Logic CS61535A Datasheet HTML 15Page - Cirrus Logic CS61535A Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
CS61535A line driver is designed to drive a 75
Ω
equivalent load.
For T1 DSX-1 applications, line lengths from 0 to
655 feet (as measured from the transmitter to the
DSX-1 cross connect) are selectable. The five
partition arrangement meets ANSI T1.102-1993
requirements when using ABAM cable. A typical
output pulse is shown in Figure 8. These pulse
settings can also be used to meet CCITT pulse
shape requirements for 1.544 MHz operation.
For T1 Network Interface applications, additional
options are provided. Note that the optimal pulse
width for Part 68 (324 ns) is narrower than the
optimal pulse width for DSX-1 (350 ns). The
CS61535A automatically adjusts the pulse width
based upon the "line length " selection made.
The E1 G.703 pulse shape is supported with line
length selection LEN2/1/0=0/0/0. The pulse
width will meet the G.703 pulse shape template
shown in Figure 9, and specified in Table 4.
For E1 applications, the CS61535A driver pro-
vides 14 dB of return loss during the transmission
of both marks and spaces. This improves signal
quality by minimizing reflections off the trans-
mitter. Similar levels of return loss are provided
for T1 applications.
The CS61535A transmitter will detect a failed
TCLK, and will force the TTIP and TRING out-
puts low.
500
1.0
0.5
0
-0.5
0
250
750
1000
NORMALIZED
AMPLITUDE
AT&T CB 119
SPECIFICATION
CS61535A
PULSE SHAPE
OUTPUT
TIME (nanoseconds)
Figure 8. Typical Pulse Shape at DSX-1 Cross Connect
LEN2
LEN1
LEN0
OPTION SELECTED
APPLICATION
0
1
1
0-133 FEET
DSX-1
ABAM
(AT&T 600B
or 600C)
100
133-266 FEET
101
266-399 FEET
110
399-533 FEET
111
533-655 FEET
001
AT&T CB113
(CS61535A only)
REPEATER
0
0
0
CCITT G.703
2.048 MHz E1
0
1
0
FCC Part 68, Option A
CSU NETWORK
INTERFACE
0
1
1
ANSI T1.403
Table 3. Line Length Selection
For c o axial cab le ,
75
Ω
l oad
and
transformer specified
in Application Section.
For shielded twisted
pair, 120
Ω load and
transformer specified
in Application Section.
Nominal peak voltage of a mark (pulse)
2.37 V
3 V
Peak voltage of a space (no pulse)
0
±0.237 V
0
±0.30 V
Nominal pulse width
244 ns
Ratio of the amplitudes of positive and negative
pulses at the center of the pulse interval
0.95 to 1.05*
Ratio of the widths of positive and negative
pulses at the nominal half amplitude
0.95 to 1.05*
* When configured with a 0.47
µF nonpolarized capacitor in series with the TX transformer
primary as shown in Figures A1, A2 and A3.
Table 4. CCITT G.703 Specifications
CS61535A
12
DS40F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com