Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61535A Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS61535A
Description  T1/E1 LINE INTERFACE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61535A Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS61535A Datasheet HTML 10Page - Cirrus Logic CS61535A Datasheet HTML 11Page - Cirrus Logic CS61535A Datasheet HTML 12Page - Cirrus Logic CS61535A Datasheet HTML 13Page - Cirrus Logic CS61535A Datasheet HTML 14Page - Cirrus Logic CS61535A Datasheet HTML 15Page - Cirrus Logic CS61535A Datasheet HTML 16Page - Cirrus Logic CS61535A Datasheet HTML 17Page - Cirrus Logic CS61535A Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
TCLK frequency due to allowable TCLK toler-
ance, part to part variations, crystal to crystal
variations, and crystal temperature drift. The os-
cillator tends to track low frequency jitter so jitter
tolerance increases as jitter frequency decreases.
The crystal frequency must be 4 times the nomi-
nal signal frequency: 6.176 MHz for 1.544 MHz
operation; 8.192 MHz for 2.048 MHz applica-
tions. Internal capacitors load the crystal,
controlling the oscillation frequency. The crystal
must be designed so that over operating tempera-
ture, the oscillator frequency range exceeds the
system frequency tolerance. Crystal Semiconduc-
tor offers the CXT6176 & CXT8192 crystals,
which yield optimum performance with the
CS61535A.
Transmit All Ones Select
The transmitter provides for all ones insertion at
the frequency of ACLKI. Transmit all ones is se-
lected when TAOS goes high, and causes
continuous ones to be transmitted on the line
(TTIP and TRING). In this mode, the TPOS and
TNEG (or TDATA) inputs are ignored. A TAOS
request will be ignored if remote loopback is in
effect. ACLKI jitter will be attenuated. TAOS is
not available on the CS61535A when ACLKI is
grounded.
Receiver
The receiver extracts data and clock from an AMI
(Alternate Mark Inversion) coded signal and out-
puts clock and synchronized data. The receiver is
sensitive to signals over the entire range of cable
lengths and requires no equalization or ALBO
(Automatic Line Build Out) circuits. The signal is
received on both ends of a center-tapped, center-
grounded transformer. The transformer is
center-tapped on the IC side. The clock and data
recovery circuit exceeds the jitter tolerance speci-
fications of Publications 43802, 43801, 62411
amended, TR-TSY-000170, and CCITT REC.
G.823.
A block diagram of the receiver is shown in Fig-
ure 11. The two leads of the transformer (RTIP
and RRING) have opposite polarity allowing the
receiver to treat RTIP and RRING as unipolar sig-
nals. Comparators are used to detect pulses on
RTIP and RRING. The comparator thresholds are
dynamically established at a percent of the peak
level (50% of peak for E1, 65% of peak for T1;
with the slicing level selected by LEN2/1/0).
1 : 2
RTIP
RRING
RPOS
RNEG
RCLK
ACLKI or
Oscillator in Jitter
Attenuator
Data
Level
Slicer
Edge
Detector
Data
&
Clock
Sampling
Extraction
Clock
Phase
Selector
Continuously
Calibrated
Delay Line
Figure 11. Receiver Block Diagram
CS61535A
14
DS40F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com