Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61535A Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS61535A
Description  T1/E1 LINE INTERFACE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61535A Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS61535A Datasheet HTML 15Page - Cirrus Logic CS61535A Datasheet HTML 16Page - Cirrus Logic CS61535A Datasheet HTML 17Page - Cirrus Logic CS61535A Datasheet HTML 18Page - Cirrus Logic CS61535A Datasheet HTML 19Page - Cirrus Logic CS61535A Datasheet HTML 20Page - Cirrus Logic CS61535A Datasheet HTML 21Page - Cirrus Logic CS61535A Datasheet HTML 22Page - Cirrus Logic CS61535A Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
impedance state either after bit D7 is output or at
the end of the hold period of data bit D7.
An address/command byte, shown in Table 7,
precedes a data register. The first bit of the ad-
dress/command byte determines whether a read
or a write is requested. The next six bits contain
the address. The CS61535A responds to address
16 (0010000). The last bit is ignored.
The data register, shown in Table 8, can be writ-
ten to the serial port. Data is input on the eight
clock cycles immediately following the ad-
dress/command byte. Bits 0 and 1 are used to
clear an interrupt issued from the INT pin, which
occurs in response to a loss of signal or a problem
with the output driver. If bits 0 or 1 are true, the
corresponding interrupt is suppressed. So if a loss
of signal interrupt is cleared by writing a 1 to bit
0, the interrupt will be reenabled by writing a 0 to
bit 0. This holds for DPM as well.
Writing a "1" to either "Clear LOS" or "Clear
DPM" over the serial interface has three effects:
1) the current interrupt on the serial interface
will be cleared. (Note that simply reading the
register bits will not clear the interrupt),
2) output data bits 5, 6 and 7 will be reset as
appropriate,
3) future interrupts for the corresponding LOS
or DPM will be prevented from occuring).
Writing a "0" to either "Clear LOS" or "Clear
DPM" enables the corresponding interrupt for
LOS or DPM.
Output data from the serial interface is presented
as shown in Tables 9 and 10. Bits 2, 3 and 4 can
be read to verify line length selection. Bits 5, 6
and 7 must be decoded. Codes 101, 110 and 111
(bits 5, 6 and 7) indicate LOS and DPM state
changes. Writing a "1" to the "Clear LOS" and/or
"Clear DPM" bits in the register also resets status
bits 5, 6, and 7.
SDO goes to a high impedance state when not in
use. SDO and SDI may be tied together in appli-
cations where the host proc esso r has a
bidirectional I/O port.
LSB: first bit in
0
clr LOS Clear Loss of Signal
1 clr DPM Clear Driver Performance Monitor
2
LEN0
Bit 0 - Line Length Select
3
LEN1
Bit 1 - Line Length Select
4
LEN2
Bit 2 - Line Lenght Select
5 RLOOP Remote Loopback
6
LLOOP Local Loopback
MSB: last bit in
7
TAOS
Transmit All Ones Select
Table 8. Input Data Register
LSB: first bit in
0
LOS
Loss of Signal
1
DPM
Driver Performance Monitor
2
LEN0
Bit 0 - Line Length Select
3
LEN1
Bit 1 - Line Length Select
4
LEN2
Bit 2 - Line Lenght Select
Table 9. Output Data Bits 0 - 4
Bits
Status
56 7
000 Reset has occurred or no program input.
001 TAOS in effect.
010 LLOOP in effect.
011 TAOS/LLOOP in effect.
100 RLOOP in effect
101 DPM changed state since last "clear DPM"
occured.
110 LOS changed state since last "clear LOS"
occured.
111 LOS and DPM have changed state since
last "clear LOS" and "clear DPM".
Table 10. Coding for Serial Output Bits 5, 6, 7
CS61535A
DS40F2
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com