Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3524 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3524
Description  Regulating Pulse Width Modulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3524 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3524 Datasheet HTML 1Page - National Semiconductor (TI) LM3524 Datasheet HTML 2Page - National Semiconductor (TI) LM3524 Datasheet HTML 3Page - National Semiconductor (TI) LM3524 Datasheet HTML 4Page - National Semiconductor (TI) LM3524 Datasheet HTML 5Page - National Semiconductor (TI) LM3524 Datasheet HTML 6Page - National Semiconductor (TI) LM3524 Datasheet HTML 7Page - National Semiconductor (TI) LM3524 Datasheet HTML 8Page - National Semiconductor (TI) LM3524 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Electrical Characteristics (Continued)
(Note 1)
LM2524D
LM3524D
Symbol
Parameter
Conditions
Tested
Design
Tested
Design
Units
Typ
Limit
Limit
Typ
Limit
Limit
(Note 3)
(Note 4)
(Note 3)
(Note 4)
Sawtooth Valley
R
T = 5.6k, CT = 0.01 µF
1.1
0.8
0.6
0.6
V
Min
Voltage
ERROR-AMP SECTION
V
IO
Input Offset
V
CM = 2.5V
2
8
10
210
mV
Max
Voltage
I
IB
Input Bias
V
CM = 2.5V
1
8
10
110
µA
Max
Current
I
IO
Input Offset
V
CM = 2.5V
0.5
1.0
1
0.5
1
µA
Max
Current
I
COSI
Compensation
V
IN(I) −VIN(NI) = 150 mV
65
65
µA
Min
Current (Sink)
95
95
125
125
µA
Max
I
COSO
Compensation
V
IN(NI) −VIN(I) = 150 mV
−125
−125
µA
Min
Current (Source)
−95
−95
−65
−65
µA
Max
A
VOL
Open Loop Gain
R
L = ∞,VCM = 2.5 V
80
74
60
80
70
60
dB
Min
VCMR
Common Mode
1.5
1.4
1.5
V
Min
Input Voltage
Range
5.5
5.4
5.5
V
Max
CMRR
Common Mode
90
80
90
80
dB
Min
Rejection Ratio
G
BW
Unity Gain
A
VOL = 0 dB, VCM = 2.5V
3
2
MHz
Bandwidth
V
O
Output Voltage
R
L = ∞
0.5
0.5
V
Min
Swing
5.5
5.5
V
Max
PSRR
Power Supply
V
IN = 8 to 40V
80
70
80
65
db
Min
Rejection Ratio
COMPARATOR SECTION
Minimum Duty
Pin 9 = 0.8V,
00
0
0
%
Max
Cycle
[R
T = 5.6k, CT = 0.01 µF]
Maximum Duty
Pin 9 = 3.9V,
49
45
49
45
%
Min
Cycle
[R
T = 5.6k, CT = 0.01 µF]
Maximum Duty
Pin 9 = 3.9V,
44
35
44
35
%
Min
Cycle
[R
T = 1k, CT = 0.001 µF]
V
COMPZ
Input Threshold
Zero Duty Cycle
1
1
V
(Pin 9)
V
COMPM
Input Threshold
Maximum Duty Cycle
3.5
3.5
V
(Pin 9)
I
IB
Input Bias
−1
−1
µA
Current
CURRENT LIMIT SECTION
V
SEN
Sense Voltage
V
(Pin 2) −V(Pin 1)
≥
180
180
mV
Min
150 mV
200
200
220
220
mV
Max
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com