Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3524 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3524
Description  Regulating Pulse Width Modulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3524 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM3524 Datasheet HTML 14Page - National Semiconductor (TI) LM3524 Datasheet HTML 15Page - National Semiconductor (TI) LM3524 Datasheet HTML 16Page - National Semiconductor (TI) LM3524 Datasheet HTML 17Page - National Semiconductor (TI) LM3524 Datasheet HTML 18Page - National Semiconductor (TI) LM3524 Datasheet HTML 19Page - National Semiconductor (TI) LM3524 Datasheet HTML 20Page - National Semiconductor (TI) LM3524 Datasheet HTML 21Page - National Semiconductor (TI) LM3524 Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Typical Applications (Continued)
In calculating the output capacitor C
o it can be seen that Co
supplies I
o during tON. The voltage change on Co during this
time will be some
∆V
c =
∆V
o or the output ripple of the
regulator. Calculation of C
o is:
where: C
o is in farads, f is the switching frequency,
∆V
o is the p-p output ripple
Calculation of inductor L1 is as follows:
V
IN is applied across L1
where: L1 is in henrys, f is the switching frequency in Hz
To apply the above theory, a complete step-up switching
regulator is shown in Figure 20. Since V
IN is 5V, VREF is tied
to V
IN. The input voltage is divided by 2 to bias the error
amplifier’s inverting input. The output voltage is:
The network D1, C1 forms a slow start circuit.
This holds the output of the error amplifier initially low thus
reducing the duty-cycle to a minimum. Without the slow start
circuit the inductor may saturate at turn-on because it has to
supply high peak currents to charge the output capacitor
from 0V. It should also be noted that this circuit has no
supply rejection. By adding a reference voltage at the non-
inverting input to the error amplifier, see Figure 21, the input
voltage variations are rejected.
The LM3524D can also be used in inductorless switching
regulators. Figure 22 shows a polarity inverter which if con-
nected to Figure 20 provides a −15V unregulated output.
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com