Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3524 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3524
Description  Regulating Pulse Width Modulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3524 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM3524 Datasheet HTML 13Page - National Semiconductor (TI) LM3524 Datasheet HTML 14Page - National Semiconductor (TI) LM3524 Datasheet HTML 15Page - National Semiconductor (TI) LM3524 Datasheet HTML 16Page - National Semiconductor (TI) LM3524 Datasheet HTML 17Page - National Semiconductor (TI) LM3524 Datasheet HTML 18Page - National Semiconductor (TI) LM3524 Datasheet HTML 19Page - National Semiconductor (TI) LM3524 Datasheet HTML 20Page - National Semiconductor (TI) LM3524 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Typical Applications (Continued)
THE STEP-UP SWITCHING REGULATOR
Figure 18 shows the basic circuit for a step-up switching
regulator. In this circuit Q1 is used as a switch to alternately
apply V
IN across inductor L1. During the time, tON,Q1isON
and energy is drawn from V
IN and stored in L1; D1 is reverse
biased and I
o is supplied from the charge stored in Co. When
Q1 opens, t
OFF, voltage V1 will rise positively to the point
where D1 turns ON. The output current is now supplied
through L1, D1 to the load and any charge lost from C
o
during t
ON is replenished. Here also, as in the step-down
regulator, the current through L1 has a DC component plus
some
∆I
L.
∆I
L is again selected to be approximately 40% of
I
L. Figure 19 shows the inductor’s current in relation to Q1’s
ON and OFF times.
Since
∆I
L+=
∆I
L−, VINtON =VotOFF −VINtOFF,
and neglecting V
SAT and VD1
The above equation shows the relationship between V
IN,Vo
and duty cycle.
In calculating input current I
IN(DC), which equals the induc-
tor’s DC current, assume first 100% efficiency:
for
η = 100%, P
OUT =PIN
00865023
FIGURE 18. Basic Step-Up Switching Regulator
00865024
FIGURE 19. Relation of Switch Timing to Inductor Current in Step-Up Regulator
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com