Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3524 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3524
Description  Regulating Pulse Width Modulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3524 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM3524 Datasheet HTML 5Page - National Semiconductor (TI) LM3524 Datasheet HTML 6Page - National Semiconductor (TI) LM3524 Datasheet HTML 7Page - National Semiconductor (TI) LM3524 Datasheet HTML 8Page - National Semiconductor (TI) LM3524 Datasheet HTML 9Page - National Semiconductor (TI) LM3524 Datasheet HTML 10Page - National Semiconductor (TI) LM3524 Datasheet HTML 11Page - National Semiconductor (TI) LM3524 Datasheet HTML 12Page - National Semiconductor (TI) LM3524 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Functional Description (Continued)
The output of the amplifier, or input to the pulse width modu-
lator, can be overridden easily as its output impedance is
very high (Z
O . 5M
Ω). For this reason a DC voltage can be
applied to pin 9 which will override the error amplifier and
force a particular duty cycle to the outputs. An example of
this could be a non-regulating motor speed control where a
variable voltage was applied to pin 9 to control motor speed.
A graph of the output duty cycle vs the voltage on pin 9 is
shown in Figure 5.
The duty cycle is calculated as the percentage ratio of each
output’s ON-time to the oscillator period. Paralleling the out-
puts doubles the observed duty cycle.
The amplifier’s inputs have a common-mode input range of
1.5V–5.5V. The on board regulator is useful for biasing the
inputs to within this range.
CURRENT LIMITING
The function of the current limit amplifier is to override the
error amplifier’s output and take control of the pulse width.
The output duty cycle drops to about 25% when a current
limit sense voltage of 200 mV is applied between the +C
L
and −C
Lsense terminals. Increasing the sense voltage ap-
proximately 5% results in a 0% output duty cycle. Care
should be taken to ensure the −0.7V to +1.0V input common-
mode range is not exceeded.
In most applications, the current limit sense voltage is pro-
duced by a current through a sense resistor. The accuracy of
this measurement is limited by the accuracy of the sense
resistor, and by a small offset current, typically 100 µA,
flowing from +CL to −CL.
OUTPUT STAGES
The outputs of the LM3524D are NPN transistors, capable of
a maximum current of 200 mA. These transistors are driven
180˚ out of phase and have non-committed open collectors
and emitters as shown in Figure 6.
00865008
FIGURE 5.
00865009
FIGURE 6.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com