Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3524 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3524
Description  Regulating Pulse Width Modulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3524 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM3524 Datasheet HTML 10Page - National Semiconductor (TI) LM3524 Datasheet HTML 11Page - National Semiconductor (TI) LM3524 Datasheet HTML 12Page - National Semiconductor (TI) LM3524 Datasheet HTML 13Page - National Semiconductor (TI) LM3524 Datasheet HTML 14Page - National Semiconductor (TI) LM3524 Datasheet HTML 15Page - National Semiconductor (TI) LM3524 Datasheet HTML 16Page - National Semiconductor (TI) LM3524 Datasheet HTML 17Page - National Semiconductor (TI) LM3524 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Typical Applications (Continued)
where: L1 is in Henrys
f is switching frequency in Hz
Also, see LM1578 data sheet for graphical methods of in-
ductor selection.
CALCULATING OUTPUT FILTER CAPACITOR C
o:
Figure 13 shows L1’s current with respect to Q1’s t
ON and
t
OFF times (VA is at the collector of Q1). This curent must
flow to the load and C
o.Co’s current will then be the differ-
ence between I
L, and Io.
Ic
o =IL −Io
From Figure 13 it can be seen that current will be flowing into
C
o for the second half of tON through the first half of tOFF,or
a time, t
ON/2+tOFF/2. The current flowing for this time is
∆I
L/4. The resulting
∆V
c or
∆V
o is described by:
For best regulation, the inductor’s current cannot be allowed
to fall to zero. Some minimum load current I
o, and thus
inductor current, is required as shown below:
A complete step-down switching regulator schematic, using
the LM3524D, is illustrated in Figure 15. Transistors Q1 and
Q2 have been added to boost the output to 1A. The 5V
regulator of the LM3524D has been divided in half to bias the
error amplifier’s non-inverting input to within its common-
mode range. Since each output transistor is on for half the
period, actually 45%, they have been paralleled to allow
longer possible duty cycle, up to 90%. This makes a lower
possible input voltage. The output voltage is set by:
where V
NI is the voltage at the error amplifier’s non-inverting
input.
Resistor R3 sets the current limit to:
Figures 16, 17 and show a PC board layout and stuffing
diagram for the 5V, 1A regulator of Figure 15. The regulator’s
performance is listed in Table 1.
00865019
FIGURE 14. Inductor Current Slope in Step-Down
Regulator
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com