Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST22 Datasheet(PDF) 2 Page - Power System Technology

Part # PST22
Description  Standard product
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST22 Datasheet(HTML) 2 Page - Power System Technology

  PST22 Datasheet HTML 1Page - Power System Technology PST22 Datasheet HTML 2Page - Power System Technology PST22 Datasheet HTML 3Page - Power System Technology PST22 Datasheet HTML 4Page - Power System Technology PST22 Datasheet HTML 5Page - Power System Technology PST22 Datasheet HTML 6Page - Power System Technology PST22 Datasheet HTML 7Page - Power System Technology PST22 Datasheet HTML 8Page - Power System Technology PST22 Datasheet HTML 9Page - Power System Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Input Fuse
PST22 Rev. 01
Page 2 of 11
www.powersystemtechnology.com
A fuse mounted inside the converter protects against damages in case
of a failure. The fuse is not user-accessible.Reverse polarity at the input
will cause the fuse to blow .
Model
Fuse type
Ra�ng
Reference
24V
Litllefuse
15A
251015HE
48V
Bussman
15A
BK1/MCRW15A
72V
Busmann
15 A
BK1/MCRW15A
110V
Li�lefuse
10A
251010HAT1L
Input Transient Protec�on / Electromagne�c Compa�bility (EMC)
A VDR (Voltage Dependent Resistor) and a common mode input filter
form an effec�ve protec�on against input transients in severe environ-
ment like railways with EN50155.
Electrical Input Data
Unit
Characteristics
Conditions
min
typ
max
min
typ
max
min
typ
max
min
typ
max
Input surge
< 100ms
50
100
150
250
V
Undervoltage turn-on
17,5
17,9
35
35,8
41,7
42,6
64
65,4
V
Undervoltage turn-off
14,8
15,3
29,4
30,5
35,2
36,5
54
56
V
Overvoltage turn-off/on
36,3
37,8
39,6
76
79
82,5
111
115
121
154
162
170,9
V
Input current
Vin min
8
10
7
10
6
10
3
6
A
No-load input power
10
10
10
10
W
Peak inrush current
Vin max
180
A
Rise time inrush
20
µs
Start-up time
60
ms
48
72
V
72
110
36
48
75
43
Operating input voltage
Input
24
18
24
36
110
66
110
154
No Front panel (F)
The PST22 is built as standard with a aluminum front panel as
described in the mechanical data. In applica�ons where the com-
plete rack is covered by a single panel, the converter can be delivered
without front panel.
N+1 Redundancy (R)
The PST22 is equipped with an internal ac�ve redundant MOSFET
circuit providing very high reliability opera�on (described page 4) when
R op�on.
Very low profil 4TE (S)
With S op�on, the height will be reduced to 20,32mm for the front
panel, making very suitable for low profil applica�on. The heatsink
being significantly reduced , thermal dissipa�on decrease and power
-40°C opera�on (T)
The thermal grade of the Vicor the DC/DC converters used and other
components are changed to comply with low ambiant temperature.
Conformal coa�ng (V)
During manufacturing process , when V op�on is specified,
components and pcb are covered with an acrylic coa�ng to address
high level of ambiant humidity applica�on.
Op�ons Descrip�on
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com