Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST22 Datasheet(PDF) 1 Page - Power System Technology

Part # PST22
Description  Standard product
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST22 Datasheet(HTML) 1 Page - Power System Technology

  PST22 Datasheet HTML 1Page - Power System Technology PST22 Datasheet HTML 2Page - Power System Technology PST22 Datasheet HTML 3Page - Power System Technology PST22 Datasheet HTML 4Page - Power System Technology PST22 Datasheet HTML 5Page - Power System Technology PST22 Datasheet HTML 6Page - Power System Technology PST22 Datasheet HTML 7Page - Power System Technology PST22 Datasheet HTML 8Page - Power System Technology PST22 Datasheet HTML 9Page - Power System Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
4
24, 48, 72, 110Vdc input voltage ranges
4
1, 2 or 3 isolated outputs up to 450W
4
Very high efficiency
4
Surge and transient protec�on
4
Many output configura�ons available
4
Adjustable output voltage
4
Redundant opera�on (N + 1) with ac�ve circuit (no diode losses)
4
Extremely slim case (3U x 4TE (or 8TE) x 160mm)
Safety IEC/EN 60950-1, RoHS lead-free-solder compliant
The PST22 , very compact DC-DC converter in an eurocard format, incorporate input and output protec�on and filtering, signalling features,
which are required in most of the severe environment for industrial, railways type of applica�ons. The converter provides significant advantages
such as flexibility of output configura�on, high reliability thanks to the integra�on of Vicor Corp. modules, extremely high efficiency with secon-
dary ac�ve MOSFET circuit for redundancy opera�on, very low ripple and noise levels, input-to-output isola�on, so� start, overtemperature
protec�on, input over/undervoltage lockout, parallel opera�on . The converters wide range of inputs are protected against surges and transients
and EMI filtered. The outputs are coun�nuously short-circuit proof . Series, Parallel and N+1 redundant opera�on are possible through an ac�ve
MOSFET based circuit, improving significantly efficiency thus lowering power dissipa�on and allowing opera�on in high temperature environ-
ment, simplifying connec�on when several converters are connected in parallel without the need of wire connec�on between the converters to
ensure good current sharing. LEDs at the front panel and an isolated Powergood signals indicate the status of the converter.
V3 output can be either configured in high power version up to 150W with a DC-DC Vicor module or in a low power version up to 30W with
switching regulator saving cost .
PST22
Standard product
PST22 Rev. 01
Page 1 of 11
www.powersystemtechnology.com
RoHS
Features
Descrip�on


Similar Part No. - PST22

ManufacturerPart #DatasheetDescription
logo
Power System Technology
PST20 PST-PST20 Datasheet
221Kb / 3P
Industrial applications
PST21 PST-PST21 Datasheet
512Kb / 6P
Chassis mounting applications, low profile
PST21A PST-PST21A Datasheet
2Mb / 13P
AC-DC 1200W Conduction cooled
PST23 PST-PST23 Datasheet
1Mb / 9P
Standard product
PST24 PST-PST24 Datasheet
1Mb / 8P
Standard product
More results

Similar Description - PST22

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM8621 PMC-PM8621 Datasheet
1Mb / 184P
NSE-8G??Standard Product Data Sheet Preliminary
logo
Hirose Electric
PCN12A-10P-2.54DS HIROSE-PCN12A-10P-2.54DS Datasheet
1Mb / 8P
Product Compliant to DIN41612/IEC603-2 Standard
logo
Mitsubishi Electric Sem...
M58609-04P MITSUBISHI-M58609-04P Datasheet
424Kb / 6P
KEYBOARD ENCODER ( JIS CODE STANDARD PRODUCT )
logo
Power System Technology
CPCIAC PST-CPCIAC Datasheet
4Mb / 9P
Standard product AC-DC CompactPCI짰 300W
PST23 PST-PST23 Datasheet
1Mb / 9P
Standard product
PST24 PST-PST24 Datasheet
1Mb / 8P
Standard product
PST26 PST-PST26 Datasheet
1Mb / 11P
Standard product
logo
PMC-Sierra, Inc
PM5345S PMC-PM5345S Datasheet
614Kb / 196P
SATURN USER NETWORK INTERFACE TELECOM STANDARD PRODUCT
logo
II-VI Marlow, Inc.
CTA305-0001-01 VIMARLOW-CTA305-0001-01 Datasheet
355Kb / 2P
AIR TO AIR TE EXCHANGER STANDARD PRODUCT
logo
Molex Electronics Ltd.
PS-1462360001 MOLEX-PS-1462360001 Datasheet
1Mb / 13P
Rectangular Standard NFC Antenna Product Specification
2021/03/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com