Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST22 Datasheet(PDF) 9 Page - Power System Technology

Part # PST22
Description  Standard product
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST22 Datasheet(HTML) 9 Page - Power System Technology

Back Button PST22 Datasheet HTML 3Page - Power System Technology PST22 Datasheet HTML 4Page - Power System Technology PST22 Datasheet HTML 5Page - Power System Technology PST22 Datasheet HTML 6Page - Power System Technology PST22 Datasheet HTML 7Page - Power System Technology PST22 Datasheet HTML 8Page - Power System Technology PST22 Datasheet HTML 9Page - Power System Technology PST22 Datasheet HTML 10Page - Power System Technology PST22 Datasheet HTML 11Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Installa�ons Instruc�ons
PST22 Rev. 01
Page 9 of 11
www.powersystemtechnology.com
These converters are components, intended exclusively for integra�on
into other equipment by an industrial assembly process or by a profes-
sionally competent person. Installa�on must strictly follow the safety
regula�ons in respect of the enclosure, moun�ng, creepage and clea-
rance distances, markings of the end-use applica�on.
Connec�on to the system shall be made via the female connector H15.
Pin 26 (Earth) is a leading pin and is connected to the case. For safety
reasons it is essen�al to connect this pin to the protec�ve earth of the
supply system.
The +Vin is internally fused. This fuse is designed to protect the con-
verter against overcurrent caused by a failure, but may not be able to
sa�sfy all requirements. External fuses in the wiring circuit to one or
both input pins (30 or 32) may be necessary to ensure compliance with
local requirements.
Do not open the converters, or the warranty will be invalidated. Make
sure that there is sufficient airflow available for convec�on cooling. This
should be verified by measuring the case of temperature at the speci-
Cleaning Agents and Process
The converters are not herme�cally sealed. In order to avoid possible
damage, any penetra�on of liquids shall be avoided.
Railway Applica�on
The converters have been designed observing the railway standards
EN 50155 and EN 50121. All boards can be protected by a conformal
coa�ng as an op�on ( -V).
Isola�on
The electric strength test is performed in the factory in accordance with
IEC/EN 60950.
Standards and Approvals
The converters are built to meet the safety standards IEC 60950-1, EN
60950-1, UL 60950-1 and CSA 60950-1.
Electric Strength
Design strength
1500
3000
500
Vrms
> 100
>100
Mohms
Insulation resistance
Characteristic
Output to
Output
Unit
Electric
strength
Factory test for production
units (>10s)
2000
2000
500
Vdc
Input to Earth
Input to
Output
Output to
Earth
Temperatures
Min.
Typ.
Max.
Min.
Typ.
Max.
-20
+71
-40
+71
-20
+100
-48
+100
Not operating
-40
+125
-40
+125
Ambiant
Operating (see derating)
°C
Heatsink
Storage
Standard
T option
Unit
Conditions
Reliability
MIL-HDBK-217F, notice 2
Model
Heatsink Temp.
GB
GF
40°C
335000
195000
70°C
165000
97500
100°C
103500
61500
MTBF ( Hours)
PST2272 3 outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com