Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST22 Datasheet(PDF) 7 Page - Power System Technology

Part # PST22
Description  Standard product
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST22 Datasheet(HTML) 7 Page - Power System Technology

Back Button PST22 Datasheet HTML 3Page - Power System Technology PST22 Datasheet HTML 4Page - Power System Technology PST22 Datasheet HTML 5Page - Power System Technology PST22 Datasheet HTML 6Page - Power System Technology PST22 Datasheet HTML 7Page - Power System Technology PST22 Datasheet HTML 8Page - Power System Technology PST22 Datasheet HTML 9Page - Power System Technology PST22 Datasheet HTML 10Page - Power System Technology PST22 Datasheet HTML 11Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PST22 Rev. 01
Page 7 of 11
www.powersystemtechnology.com
Solder side of the PCB protected by PBT sheet.
DIMENSIONS PST22 -3U-4TE
PST22-24-48-72-110 PLAN 15
00
1/1
19/09/08
1:1
Validation du plan
T.Couleau
T.Couleau
T.Liger
Fait par / Prepared by
Verifie par / Verified by
Date
Date
Plan / draw :
Planche / sheet :
Ind / Rev.:
Echelle
/ Scale :
Titre :
Title :
Ind / Rev
00
Description de la modification / Description of modification
CREATION
Power System Technology
19,21 Rue Gustave Eiffel
Espace Eiffel,batiment A2
28630 Gellainville
Tel : 02 37 30 78 40
Fax : 02 37 30 77 71
E-mail : sales@powersystemtechnology.com
Copyright Power System Technology
This document is property of Power System Technology.It may not be copied or show to
anyone without prior approvel of on sold company.
communiquer à des tiers sans l'accord écrit d'une personne dûment mandaté par ladite
Ce document est la propriété de Power System Technology et ne peut être ni reproduit,ni
C
société.
V1
V2
V3
Vin
19/09/08
19/09/08
19/09/08
CI PST22-24/48/72/110 ind01
L1
VDR1
189mm
160mm
DIMENSIONS PST22 -3U-8TE
PST22-24-48-72-110 PLAN 16
00
1/1
19/09/08
1:1
Validation du plan
T.Couleau
T.Couleau
T.Liger
Fait par / Prepared by
Verifie par / Verified by
Date
Date
Plan / draw :
Planche / sheet :
Ind / Rev.:
Echelle
/ Scale :
Titre :
Title :
Ind / Rev
00
Description de la modification / Description of modification
CREATION
Power System Technology
19,21 Rue Gustave Eiffel
Espace Eiffel,batiment A2
28630 Gellainville
Tel : 02 37 30 78 40
Fax : 02 37 30 77 71
E-mail : sales@powersystemtechnology.com
Copyright Power System Technology
This document is property of Power System Technology.It may not be copied or show to
anyone without prior approvel of on sold company.
communiquer à des tiers sans l'accord écrit d'une personne dûment mandaté par ladite
Ce document est la propriété de Power System Technology et ne peut être ni reproduit,ni
C
société.
CI PST22-24/48/72/110 ind01
L1
VDR1
19/09/08
19/09/08
19/09/08
V1
V2
V3
Vin
189mm
160mm
S op�on : 4TE version
8TE version
Mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com