Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST22 Datasheet(PDF) 11 Page - Power System Technology

Part # PST22
Description  Standard product
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST22 Datasheet(HTML) 11 Page - Power System Technology

Back Button PST22 Datasheet HTML 3Page - Power System Technology PST22 Datasheet HTML 4Page - Power System Technology PST22 Datasheet HTML 5Page - Power System Technology PST22 Datasheet HTML 6Page - Power System Technology PST22 Datasheet HTML 7Page - Power System Technology PST22 Datasheet HTML 8Page - Power System Technology PST22 Datasheet HTML 9Page - Power System Technology PST22 Datasheet HTML 10Page - Power System Technology PST22 Datasheet HTML 11Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Op�ons and configura�ons
PST22 Rev. 01
Page 11 of 11
www.powersystemtechnology.com
Pout max : 450W
IN max : see table page 2
PST22 72
Vout
Pout
Op�on
N
3V3
5
12
15
24
28
48
N
75
100
150
F
R
S
T
V
V1
Vout
Pout
N
3V3
5
12
15
24
28
48
N
75
100
150
V2
Vout
Pout
N
3V3
5
12
15
24
28
48
N
LP
75
100
150
V3
F : No front panel
R : Redundant opera�on
S : 4TE
T : -40°C
V : Conformal coa�ng
Pout max : 300W
IN max : see table page 2
PST22 110
Vout
Pout
Op�on
N
3V3
5
12
15
24
28
48
N
50
75
100
F
R
S
T
V
V1
Vout
Pout
N
3V3
5
12
15
24
28
48
N
50
75
100
V2
Vout
Pout
N
3V3
5
12
15
24
28
48
N
25
50
75
100
V3
F : No front panel
R : Redundant opera�on
S : 4TE
T : -40°C
V : Conformal coa�ng
LP : see page 3 Low Power Version
LP : see page 3 Low Power Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com