Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2127 Datasheet(PDF) 10 Page - Vicor Corporation

Part # PI2127
Description  60 Volt, 12 Amp Full-Function Active ORing Solution
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2127 Datasheet(HTML) 10 Page - Vicor Corporation

Back Button PI2127 Datasheet HTML 6Page - Vicor Corporation PI2127 Datasheet HTML 7Page - Vicor Corporation PI2127 Datasheet HTML 8Page - Vicor Corporation PI2127 Datasheet HTML 9Page - Vicor Corporation PI2127 Datasheet HTML 10Page - Vicor Corporation PI2127 Datasheet HTML 11Page - Vicor Corporation PI2127 Datasheet HTML 12Page - Vicor Corporation PI2127 Datasheet HTML 13Page - Vicor Corporation PI2127 Datasheet HTML 14Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Picor Corporation • picorpower.com
PI2127
Rev 1.3
Page 10 of 19
Figure 19: Plot of PI2127 response time to reverse current detection
Application Information
The PI2127 is designed to replace high side ORing
diodes in high current, medium voltage redundant
power architectures.
Replacing a traditional diode
with a PI2127 will result in significant power
dissipation reduction as well as board space
reduction, efficiency improvement and additional
protection features.
This section describes in detail the procedure to follow
when designing with the PI2127 Active ORing
solution.
Control Circuitry Bias:
The PI2127 control circuitry and the gate driver for the
internal MOSFET are biased through the S pin. An
internal regulator clamps the S pin voltage (VS-PG) to
11.7V typically.
A bias resistor (RPG) is required if the voltage at the S
pin is higher than the minimum Voltage Clamp (VS-
CLM). RPG should be connected between PG pin and
ground (VS return).
Minimize the resistor value for low S voltage levels to
avoid a voltage drop that may reduce VS-PG lower than
required.
Select the value of RPG using the following equations:
mA
I
V
V
R
VC
PGMax
S
S
PG
1
.
0
max
min
+
−
=
−
−
RPG maximum power dissipation:
PG
PGMin
S
S
RPG
R
V
V
Pd
2
max
)
(
−
−
−
=
Where:
min
−
S
V
:
S pin minimum applied voltage
max
−
S
V
:
S pin maximum applied voltage
PGMax
S
V
−
: Controller maximum clamp voltage, 12.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com