Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2127 Datasheet(PDF) 11 Page - Vicor Corporation

Part # PI2127
Description  60 Volt, 12 Amp Full-Function Active ORing Solution
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2127 Datasheet(HTML) 11 Page - Vicor Corporation

Back Button PI2127 Datasheet HTML 7Page - Vicor Corporation PI2127 Datasheet HTML 8Page - Vicor Corporation PI2127 Datasheet HTML 9Page - Vicor Corporation PI2127 Datasheet HTML 10Page - Vicor Corporation PI2127 Datasheet HTML 11Page - Vicor Corporation PI2127 Datasheet HTML 12Page - Vicor Corporation PI2127 Datasheet HTML 13Page - Vicor Corporation PI2127 Datasheet HTML 14Page - Vicor Corporation PI2127 Datasheet HTML 15Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Picor Corporation • picorpower.com
PI2127
Rev 1.3
Page 11 of 19
PGMin
S
V
−
: Controller minimum clamp voltage, 11V
max
VC
I
:
Controller maximum bias current, use
2.0mA
mA
1
.
0
:
0.1mA is added for margin
Example: 40V <VS-PG <50V
Ω
=
−
=
+
−
=
−
k
mA
V
V
mA
IC
V
V
R
PGMax
S
S
PG
1
.
13
1
.
2
5
.
12
40
1
.
0
max
min
()
mW
k
V
V
R
V
V
PdR
PG
PGMin
S
S
PG
116
1
.
13
11
50
)
(
2
2
max
=
Ω
−
=
−
=
−
−
Alternative Bias Circuit with Device Enable:
Constant current circuit
In a wide operating input voltage range the size of RPG
may be become large to support power dissipation. A
simple constant current circuit can be used instead of
RPG to reduce power dissipation and can be used as a
device enable.
As shown in Figure 20, the constant current circuit
consists of an NPN transistor (Q1), Zener diode DZ,
current limit resistor (RLIMIT) and Zener bias resistor
(RZ). RLIMIT and RZ can be very low power resistors
and Q1 is a signal transistor where its Collector-
Emitter Voltage (VCEO) is equal or greater than the
input operating voltage and supports 2.5mA at the
operating input voltage.
Figure 20: Constant current bias circuit
Pulling the Q1 base (EN) to the system return (RTN)
will turn off the transistor and the controller return (PG
pin) will float and eventually the MOSFET will be
turned off. An open collector device can be used to
enable and disable the PI2127.
The constant current circuit should guarantee current
greater than the PI2127 maximum Quiescent current
(IVC), 2.0mA.
RLIMIT can be calculated from the following equation:
MAX
VC
BE
MIN
Z
LIMIT
I
on
V
V
R
_
_
)
(
−
=
Where:
MIN
Z
V
_
: Minimum Zener diode voltage
)
(on
V
BE
: Q1 Base-Emitter On maximum voltage, for
default use
)
(on
V
BE
=0.7V
Zener Diode Selection:
Select a Zener diode with a low reverse current
requirement to minimize RZ. Zener diodes with higher
break down voltage will have lower reverse current
and reduce Q1 collector current variation.
Zener
diodes with a breakdown voltage of 6V and higher will
require low bias current for accurate voltage
breakdown.
RZ maximum value can be calculated with the
following equation:
Note that the surface mount resistors have limited
operating voltage capability. Be sure to pick a resistor
package that can meet the maximum operating
voltage (Vin).
MAX
B
Z
MAX
Z
MIN
in
Z
I
I
V
V
R
_
_
_
+
−
=
Where:
MIN
in
V
_
: Min input voltage
MAX
Z
V
_
: Zener diode maximum breakdown voltage
Z
I :
Zener diode required reverse current
MAX
B
I
_
: Q1 required maximum base current which
calculated from the following equation:
MIN
FE
MAX
C
MAX
B
h
I
I
_
_
_
=
MAX
C
I
_
: Q1 maximum expected collector current.
MIN
FE
h
_
: Q1 minimum gain.
Internal N-Channel MOSFET BVDSS:
The
PI2127’s
internal
N-Channel
MOSFET
breakdown voltage (BVDSS) is rated for 60V at 25°C
and will degrade to 55.5V at -40°C, refer to Figure 10.
Drain to source voltage should not exceed BVDSS in
nominal operation. During a fast switching transient
the MOSFET can tolerate voltages higher than its
BVDSS rating under avalanche conditions, refer to the
Absolute Maximum Ratings table.
In Active ORing applications when one of the input
power sources is shorted, a large reverse current is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com