Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2127 Datasheet(PDF) 2 Page - Vicor Corporation

Part # PI2127
Description  60 Volt, 12 Amp Full-Function Active ORing Solution
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2127 Datasheet(HTML) 2 Page - Vicor Corporation

  PI2127 Datasheet HTML 1Page - Vicor Corporation PI2127 Datasheet HTML 2Page - Vicor Corporation PI2127 Datasheet HTML 3Page - Vicor Corporation PI2127 Datasheet HTML 4Page - Vicor Corporation PI2127 Datasheet HTML 5Page - Vicor Corporation PI2127 Datasheet HTML 6Page - Vicor Corporation PI2127 Datasheet HTML 7Page - Vicor Corporation PI2127 Datasheet HTML 8Page - Vicor Corporation PI2127 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Picor Corporation • picorpower.com
PI2127
Rev 1.3
Page 2 of 19
Pin Description
Pin Name
Pin
Number
Description
NC
1, 3, 5, 7
Not Connected: Leave pins floating.
PG
2
Control Circuitry Return: This pin is the floating return path for the controller circuitry.
Connect this pin via a resistor to the low side return (ground).
FT
4
Fault Status Output: This open collector pin pulls low to indicate one of the several
potential fault conditions may exist. The Fault pin will pull low after a reverse or forward
fault has been detected with a defined delay time (8μs). In addition, the
FT pin will pull
low when the controller input voltage is below the VC under-voltage threshold VS-PG < 7V
(VSUVF). When VS-PG > 7.15V (VSUVR) and 6mV < VSP-SN < 275mV this pin clears (High).
Leave this pin open if unused.
GND
6
FT Return: This pin is the return (ground) for the open collector fault circuitry. Connect
this pin to logic ground.
SN
8
Negative Sense Input: Connect SN pin to the trace between D pin (outside of the
PI2127 foot print) and the output load. The polarity of the voltage difference between SP
and SN provides an indication of current flow direction through the MOSFET.
D
9, 10, 11,
17
Drain: The Drain of the internal N-channel MOSFET and fault level shift circuit. Connect
this pin to the output load.
S
12, 13, 14
16
Source-The source of the internal N-channel MOSFET and bias for the control circuitry.
Connect this pin to the input power source bus voltage.
SP
15
Positive Sense Input: Connect SP pin to the trace between S pin (outside of the PI2127
foot print) and the input source. The polarity of the voltage difference between SP and
SN provides an indication of current flow direction through the MOSFET.
Package Pin-Out
17-pin LGA (7mm x 8mm)
Top view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com