Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2127 Datasheet(PDF) 16 Page - Vicor Corporation

Part # PI2127
Description  60 Volt, 12 Amp Full-Function Active ORing Solution
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2127 Datasheet(HTML) 16 Page - Vicor Corporation

Back Button PI2127 Datasheet HTML 11Page - Vicor Corporation PI2127 Datasheet HTML 12Page - Vicor Corporation PI2127 Datasheet HTML 13Page - Vicor Corporation PI2127 Datasheet HTML 14Page - Vicor Corporation PI2127 Datasheet HTML 15Page - Vicor Corporation PI2127 Datasheet HTML 16Page - Vicor Corporation PI2127 Datasheet HTML 17Page - Vicor Corporation PI2127 Datasheet HTML 18Page - Vicor Corporation PI2127 Datasheet HTML 19Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Picor Corporation • picorpower.com
PI2127
Rev 1.3
Page 16 of 19
Figure 24: PI2127 in high side +48V application, VC
is biased through constant current circuit.
Layout Recommendation:
Use the following general guidelines when designing
printed circuit boards. An example of the typical land
pattern for the PI2127 is shown in
Figure 25:
•
Make sure to have a solid ground (return) plane to
reduce circuit parasitic.
•
Connect all S pads together with a wide trace to
reduce trace parasitics to accommodate the high
current input, and also connect all D pads
together with a wide trace to accommodate the
high current output.
•
Connect the SP pin to the S pins and connect the
SN pin to D pins as shown in Figure 25.
•
Use 1oz of copper or thicker if possible to reduce
trace resistance and reduce power dissipation.
Figure 25: PI2127 layout recommendation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com