Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2127 Datasheet(PDF) 4 Page - Vicor Corporation

Part # PI2127
Description  60 Volt, 12 Amp Full-Function Active ORing Solution
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2127 Datasheet(HTML) 4 Page - Vicor Corporation

  PI2127 Datasheet HTML 1Page - Vicor Corporation PI2127 Datasheet HTML 2Page - Vicor Corporation PI2127 Datasheet HTML 3Page - Vicor Corporation PI2127 Datasheet HTML 4Page - Vicor Corporation PI2127 Datasheet HTML 5Page - Vicor Corporation PI2127 Datasheet HTML 6Page - Vicor Corporation PI2127 Datasheet HTML 7Page - Vicor Corporation PI2127 Datasheet HTML 8Page - Vicor Corporation PI2127 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Picor Corporation • picorpower.com
PI2127
Rev 1.3
Page 4 of 19
Electrical Specifications
Unless otherwise specified: -40
°C < TJ < 125°C, VS-PG =10.5V, VPG=VGND=0V, VD=VS
Parameter
Symbol
Min
Typ
Max
Units
Conditions
DIFFERENTIAL AMPLIFIER AND COMPARATORS (Continued)
Common Mode Input Voltage
VCM
-3
3
V
SP to S and SN to S
Differential Operating Input Voltage
(1)
VSP-SN
-80
400
mV
SP-SN
SP Input Bias Current
ISP
35
55
75
μA
VSP = VSN = VS
SN Input Bias Current
ISN
35
55
75
μA
VSP = VSN = VS
SN Current During Fault Condition
(3)
ISN-FLT
5
7.5
mA
VSN = 60V,
VSP = VS =VD=0V
MOSFET Turn On Threshold
VFET-ON
+1
+6
+11
mV
VSP-PG = 10.5V, @ 25°C
Reverse Comparator Threshold
VRVS-TH
-11
-6
-2
mV
VSP-PG = 10.5V, @ 25°C
Reverse to On Hysteresis
VRVS-HY
10
12
14
mV
VSP-PG = 10.5V, @ 25°C
Reverse Fault to MOSFET Turn-off
Time
tRVS
80
150
ns
VSP-SN = ± 50mV step
Forward Comparator Threshold
VFWD-TH
250
275
300
mV
Forward Comparator Hysteresis
VFWD-HY
15
25
35
mV
Internal N-Channel MOSFET
Drain-to-Source Breakdown Voltage
BVDSS
60
V
VS=VGND=VFT=VSP=0V
ID=2mA , Tj=25°C;
VSN=10.5V
Source Current Continuous
IS
12
A
In ON state, Tj=25°C
D Pin Current During Fault
(3)
(including level-shift circuitry)
ID-FLT
4
mA
VD=60V;
VGND=VFT=VS=VSP=0V,
Tj=25°C, VSN=10.5V
Drain-to-Source On Resistance
RDSon
8.5
11
m
Ω
In ON state, IS=10A,
Tj=25°C
Body Diode Forward Voltage
VF-BD
0.75
1.0
V
In OFF state, IS=4A,
Tj=25°C
Fault
Fault Output Low Voltage
FT
V
0.2
0.5
V
IFT=2mA, VS-PG ≥ 4.5V
Fault Output High, Leakage Current
IFT
10
μA
VFT=14V
Fault Delay time
TFT-DLY
4
8
16
μs
VSP-SN = ± 50mV step
Note 1: These parameters are not production tested but are guaranteed by design, characterization, and
correlation with statistical process control.
Note 2: Current sourced by a pin is reported with a negative sign.
Note 3: Current flow during input short fault condition. See the Fault Circuit description in the Application
Information section for more detail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com