Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90308CCC Datasheet(PDF) 7 Page - Micro Electronics

Part # MLX90308CCC
Description  Programmable Sensor Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MLX90308CCC Datasheet(HTML) 7 Page - Micro Electronics

Back Button MLX90308CCC Datasheet HTML 3Page - Micro Electronics MLX90308CCC Datasheet HTML 4Page - Micro Electronics MLX90308CCC Datasheet HTML 5Page - Micro Electronics MLX90308CCC Datasheet HTML 6Page - Micro Electronics MLX90308CCC Datasheet HTML 7Page - Micro Electronics MLX90308CCC Datasheet HTML 8Page - Micro Electronics MLX90308CCC Datasheet HTML 9Page - Micro Electronics MLX90308CCC Datasheet HTML 10Page - Micro Electronics MLX90308CCC Datasheet HTML 11Page - Micro Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
MLX902xx Name of Sensor
Rev Y.X
22/Aug/98
Page 7
MLX90308CCC
Programmable Sensor Interface
MLX90308CCC Programmable Sensor Interface
Page 7
Rev 2.2
23/Oct/01
Table 2. Absolute Maximum Ratings
Supply voltage (ratiometric) VDD Max
6V
Supply voltage (ratiometric) VDD Min
4.5V
Supply voltage (operating), VDD1 Max
35V
Reverse voltage protection
-0.7V
Supply current, Current Mode, IDD
3.5mA
Supply current, Voltage Mode, IDD
4.5mA
Output current, IVMO
8mA
Output current (short to VDD), ISCVMO
100mA
Output current (short to VSS), ISCVMO
8mA
Output voltage, VVMO
+11V
Power dissipation, PD
71mW
Operating temperature range, TA
-40 to +140°
Storage temperature range, TS
-55 to +150°C
Maximum junction temperature, TJ
150°C
Unique Features
Customization
Melexis can customize the MLX90308 in both
hardware and firmware for unique requirements.
The hardware design provides 64 bytes of RAM, 3
kbytes of ROM, and 48 bytes of EEPROM for use
by the firmware.
Special Information
The output of the sensor bridge is amplified via
offset and gain amplifiers and then converted to the
correct output signal form in one of the output
stages.
The sensitivity and offset of the analog signal chain
are defined by numbers passed to the DAC
interfaces from the microcontroller core (GN[9:0]
and OF[9:0]). The wide range of bridge offset and
gain is accommodated by means of a 2-bit coarse
adjustment DAC in the offset adjustment (CSOF
[1:0]), and a similar one in the gain adjustment
(CSGN[2:0]). The signal path can be directed
through the processor for digital processing. Two I/
O pins are available for analog inputs or digital
outputs. These pins can be used for alarms on
various points on the analog signal path and built-in
or external temperature values.
Programming and Setup
The
MLX90308
needs
to
have
the
compensation coefficients programmed for a
particular bridge sensor to create the sensor
system. Programming the EEPROM involves
some
minimal
communications
interface
circuitry, Melexis’ setup software, and a PC.
The
communications
interface
circuitry
is
available in a development board. This circuitry
communicates with the PC via a standard RS-
232 serial communications port.
Cross Reference
There are no known devices which the MLX
90308CCC can replace.
ESD Precautions
Observe standard ESD control procedures for
CMOS semiconductors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com