Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90308CCC Datasheet(PDF) 16 Page - Micro Electronics

Part # MLX90308CCC
Description  Programmable Sensor Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MLX90308CCC Datasheet(HTML) 16 Page - Micro Electronics

Back Button MLX90308CCC Datasheet HTML 12Page - Micro Electronics MLX90308CCC Datasheet HTML 13Page - Micro Electronics MLX90308CCC Datasheet HTML 14Page - Micro Electronics MLX90308CCC Datasheet HTML 15Page - Micro Electronics MLX90308CCC Datasheet HTML 16Page - Micro Electronics MLX90308CCC Datasheet HTML 17Page - Micro Electronics MLX90308CCC Datasheet HTML 18Page - Micro Electronics MLX90308CCC Datasheet HTML 19Page - Micro Electronics MLX90308CCC Datasheet HTML 20Page - Micro Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
MLX90308CCC
Programmable Sensor Interface
MLX90308CCC Programmable Sensor Interface
Page 16
Rev 2.2
23/Oct/01
Byte
Designation
Note
0
MODE byte
Contents described in Table 9.
1
Cadj
Controls system clock during boot.
2
Coarse Control
Contents described in Table 12.
3
GN1L
The eight LSB's of the Fixed Gain, GN[7:0].
4
OF1L
The eight LSB's of Fixed Offset OF[7:0].
5
GNTC1L
The eight LSB's of the first gain TC GNTC1[7:0].
6
OFTC1L
The eight LSB's of the first offset TC OFTC1[7:0].
7
TR1L
PC5L
The eight LSB's of the first temperature point, T1[7:0].
The eight LSB's of Pressure Coefficient 5 PC5[7:0].
8
GNTC2L
P5L
The eight LSB's of the second gain TC GNTC2[7:0].
The eight LSB's of Pressure Point 5 P5[7:0].
9
OFTC2L
PC4L
The eight LSB's of the second offset TC OFTC2[7:0].
The eight LSB's of Pressure Coefficient 4 PC4[7:0].
10
TR2L
P4L
The eight LSB's of the second temperature point T2[7:0].
The eight LSB's of Pressure Point 4 (or Signature) P4[7:0].
11
GNTC3L
PC3L
The eight LSB's of the third gain TC GNTC3[7:0].
The eight LSB's of Pressure Coefficient 3 (or Signature) PC3
[8:0].
Table 11. EEPROM Byte Definitions
Decimal
Hexadecimal
Equivalent
Fixed Point Signed
Number Equivalent
0
0000h
+0.00
1023
3FFh
+0.9990234
1024
400h
+1.000
2047
7FFh
+1.9990234
2048
800h
-0.000
3071
0BFFh
-0.9990234
3072
0C00h
-1.000
4095
0FFFh
-1.9990234
Table 10. Examples of Fixed Point
Signed Numbers
Data Range
Various data are arranged as follows:
Temperature points: 10 bits, 0-03FF in high-
low order.
Pressure points: 10 bits, 0-03FF in high-low
order.
GN1: 10 bits, 0-03FF in high-low order.
OF1: 10 bits, 0-03FF in high-low order.
GNTCi: signed 12 bits (with MSB for the sign),
[-1.9990234, +1.9990234].
OFTCi: signed 12 bits (with MSB for the sign),
[-1.9990234, +1.9990234].
Pci: signed 12 bits (with MSB for the sign),
[-1.9990234, +1.9990234]
DIGMO: 10 bits, 0-03FF in high-low order
(See Table 13 for examples of fixed point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com