Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90308CCC Datasheet(PDF) 11 Page - Micro Electronics

Part # MLX90308CCC
Description  Programmable Sensor Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MLX90308CCC Datasheet(HTML) 11 Page - Micro Electronics

Back Button MLX90308CCC Datasheet HTML 7Page - Micro Electronics MLX90308CCC Datasheet HTML 8Page - Micro Electronics MLX90308CCC Datasheet HTML 9Page - Micro Electronics MLX90308CCC Datasheet HTML 10Page - Micro Electronics MLX90308CCC Datasheet HTML 11Page - Micro Electronics MLX90308CCC Datasheet HTML 12Page - Micro Electronics MLX90308CCC Datasheet HTML 13Page - Micro Electronics MLX90308CCC Datasheet HTML 14Page - Micro Electronics MLX90308CCC Datasheet HTML 15Page - Micro Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
MLX902xx Name of Sensor
Rev Y.X
22/Aug/98
Page 11
MLX90308CCC
Programmable Sensor Interface
MLX90308CCC Programmable Sensor Interface
Page 11
Rev 2.2
23/Oct/01
Different Modes
Analog Mode
The parameters OF and GN represent, respectively,
offset correction and span control, while OFTCi and
GNTCi
represent
their
temperature
coefficients
(thermal zero shift and thermal span shift). After
reset, the firmware continuously calculates the
offset and gain DAC settings as follows: The
EEPROM holds parameters GN, OF, OFTCi and
GNTCi, where “i” is the gap number and can be 1 < i
< 4. The transfer function is described below.
Vout = FG * DAC_GAIN * CSGN[2:0] *
{Vin+DAC_OFFSET+CSOF}
Iout =
FG * DAC_GAIN * CSGN[1:0] *
{Vin+DAC_OFFSET+CSOF} * 8.85mA/V
FG = Hardware Gain (~20V/V). Part of the hardware
design, and not changeable.
CSGN = Course Gain, part of byte 2 in EEPROM.
CSOF = Coarse Offset, part of byte 2 in
EEPROM.
GAIN
DAC_GAIN (new value) ~ GN[9:0] + [GNTCi * dT]
GN[9:0] = Fixed Gain, bytes 3 and 17 in EEPROM.
GNTCi = Gain TC for a given temperature
segment I. GNTCiL and GNTCiH in
EEPROM table.
dT = Temp. change within the appropriate gap.
How to calculate gain in the first temp. gap?:
DAC_GAIN = GN[9:0] - GNTC1 * (T1 – Temp_f1)
How to calculate gain in the other temp. gaps?:
2nd gap:DAC_GAIN = GN[9:0] + GNTC2 *
(Temp_f2 – T1)
3th gap: DAC_GAIN = DAC_GAIN2 + GNTC3 *
(Temp_f3 – T2)
4th gap: DAC_GAIN = DAC_GAIN3 + GNTC4 *
(Temp_f4 – T3)
Where:
Temp_f = Filtered temp. (previously described).
If GNTC1 > 2047
=> DAC_GAIN
↑
If GNTC2,3,4 > 2047
=> DAC_GAIN
↓
[V/V]
OFFSET
DAC_OFFSET (new value) ~ OF[9:0]+[OFTCi* dT]
OF[9:0] = Fixed Gain, bytes 4 and 17 in EEPROM.
OFTCi = Offset for a given temperature
segment I. OFTCiL and OFTCiH in
EEPROM table.
dT = Temp. change within the appropriate gap.
Calculation of the offset for a given temperature
segment is performed the same way as for the gain.
[mV/V]
Digital Mode
The MLX90308 firmware provides the capability of
digitally processing the sensor signal in addition to
the analog processing. This capability allows for
signal correction.
Signal Correction
While in digital mode the firmware can perform
signal correction. This is an adjustment to the
output level based on the input signal level.
Adjustment coefficients can be set for five different
signal ranges. The output is obtained by the
following formula:
Output = (Signal – Pi) * Pci + Poff where
Signal = input signal measurement;
Poff = Pressure ordinate
Pi = Pressure signal point (I = 2,3,4,5)
Pci = programmed coefficient.
The PCi coefficients are coded on 12 bits: one bit for
the sign, one for the unity, and the rest for the
decimals. The Pi are coded on 10 bits (0-3FFh) in
high-low order.
PNB_TNB: contains the number of signal points,
coded on the four MSB’s. The four LSB’s are
reserved for the number of temperature points. See
Table 4 and Table 5.
Compensation Trade-Offs
A compromise must be made between temperature
compensation
and
pressure
correction.
The
EEPROM space where the signal coefficients are
stored is shared with the temperature coefficients,
with the result that an EEPROM byte can be used
either for a temperature coefficient or for a signal
coefficient, but not both. Table 6 presents the
possibilities
among
the
maximum
number
of
temperature gaps and the maximum number of
signal gaps.
GAIN
DAC
GN
_
48
.
0
1023
]
0
:
9
[
*
)
48
.
0
97
.
0
(
=
+
−
OFFSET
DAC
OF
_
6
1023
]
0
:
9
[
*
)
6
7
(
=
−
−
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com