Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90308CCC Datasheet(PDF) 23 Page - Micro Electronics

Part # MLX90308CCC
Description  Programmable Sensor Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MLX90308CCC Datasheet(HTML) 23 Page - Micro Electronics

Back Button MLX90308CCC Datasheet HTML 18Page - Micro Electronics MLX90308CCC Datasheet HTML 19Page - Micro Electronics MLX90308CCC Datasheet HTML 20Page - Micro Electronics MLX90308CCC Datasheet HTML 21Page - Micro Electronics MLX90308CCC Datasheet HTML 22Page - Micro Electronics MLX90308CCC Datasheet HTML 23Page - Micro Electronics MLX90308CCC Datasheet HTML 24Page - Micro Electronics MLX90308CCC Datasheet HTML 25Page - Micro Electronics MLX90308CCC Datasheet HTML 26Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
MLX902xx Name of Sensor
Rev Y.X
22/Aug/98
Page 23
MLX90308CCC
Programmable Sensor Interface
MLX90308CCC Programmable Sensor Interface
Page 23
Rev 2.2
23/Oct/01
VDD1
VDD
COMS
VBP
VBN
CMO
GND
5K
39 nF
FLT
Supply
Ground
100 nF
TMP
CMN
75 Ohms
24 Ohms
100 nF
100 nF
Depends on
stability of the
current loop
FET
VDD1
VDD
FET
COMS
VBP
VBN
VMO
GND
100 nF
100 nF 10 nF
10K
5K
100 nF
39 nF
FLT
Supply
Output
Ground
Automotive
apps
Figure 9a. Absolute Voltage Mode
Figure 9b. Ratiometric Voltage Mode
Figure 9c. Current Mode
Typical 90308 Applications
VDD1
VDD
COMS
VBP
VBN
VMO
GND
10 nF
10K
5K
39 nF
FLT
Supply
Output
Ground
100 nF
TMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com