Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90308CCC Datasheet(PDF) 18 Page - Micro Electronics

Part # MLX90308CCC
Description  Programmable Sensor Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MLX90308CCC Datasheet(HTML) 18 Page - Micro Electronics

Back Button MLX90308CCC Datasheet HTML 14Page - Micro Electronics MLX90308CCC Datasheet HTML 15Page - Micro Electronics MLX90308CCC Datasheet HTML 16Page - Micro Electronics MLX90308CCC Datasheet HTML 17Page - Micro Electronics MLX90308CCC Datasheet HTML 18Page - Micro Electronics MLX90308CCC Datasheet HTML 19Page - Micro Electronics MLX90308CCC Datasheet HTML 20Page - Micro Electronics MLX90308CCC Datasheet HTML 21Page - Micro Electronics MLX90308CCC Datasheet HTML 22Page - Micro Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
MLX90308CCC
Programmable Sensor Interface
MLX90308CCC Programmable Sensor Interface
Page 18
Rev 2.2
23/Oct/01
Byte
Designation
Note
24
PNB_TNB
Number of temperature and pressure gaps. See Tables 4, 5,
and 6, and Figures 3 and 4.
25
n_factor
Temperature filter coefficient, four LSB's. Four MSB's must
all be zero.
26
Not used
This byte is not used.
27
ALARM low trigger
Level1 IO2/IO1
Value below which ALARM will go on.
Value of first level ([IO2, IO1]= 00-01). See Figures 5 & 7.
28
ALARM low output
Level2 IO2/IO1
Value of DIGMO during “ALARM low” condition.
Value of second level ([IO2,IO1] = 01-10). See Figures 5
and 7
29
ALARM high trigger
Level3 IO2/IO1
Value above which ALARM will go on.
Value of third level ([IO2,IO1]=10-11). See Figures 5 and 7.
30
ALARM high out level
Value of DIGMO during “ALARM high” condition. See
Figures 5 and 7.
31
ALARM control byte
IO1/IO2 control byte
Four LSB's are unused
Three bits needed for choice of input for ALARM detection
(TPO, IAO, GNO, VMO, IO1 or IO2).
Two bits needed for choice of input for LEVEL-steering
(TPO, IAO, GNO or VMO).
The above bits are multiplexed according to the mode. If
both CMO and VMO are active, then alarm is not active.
32
ClkTC1
Value of Cadj at low temperature (Don’t change; factory set).
33
ClkTC2
Value of Cadj at mid temperature (Don’t change; factory
set).
34
ClkTC3
Value of Cadj at high temperature Don’t change; factory set).
35
Ctemp1
First Cadj temperature point, eight MSB’s of the 10 bit
internal temperature value (set at factory; do not change).
36
Ctemp2
Second Cadj temperature point, eight MSB’s of the 10 bit
internal temperature value (set at factory; do not change).
37-38
Not used
These bytes are not used by the firmware and are available
to the user.
39
CLKgntp
Setting for temperature amplifier for clock temperature
adjustment temperature reading (set at factory; do not
change).
40-41
Faultval
Value sent to output if checksum test fails is a 10 bit value.
42-46
Not Used
These bytes are not used by the firmware and are available
to the user.
47
Checksum
EEPROM checksum; value needed to make all bytes add to
0FFh. Must be set by user if checksum test is active.
Table 11. EEPROM Byte Definitions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com