Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5094 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STW5094
Description  18 BIT 8kHz TO 48kHz LOW POWER STEREO AUDIO DAC WITH INTEGRATED POWER AMPLIFIERS AND VOICE CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STW5094 Datasheet HTML 5Page - STMicroelectronics STW5094 Datasheet HTML 6Page - STMicroelectronics STW5094 Datasheet HTML 7Page - STMicroelectronics STW5094 Datasheet HTML 8Page - STMicroelectronics STW5094 Datasheet HTML 9Page - STMicroelectronics STW5094 Datasheet HTML 10Page - STMicroelectronics STW5094 Datasheet HTML 11Page - STMicroelectronics STW5094 Datasheet HTML 12Page - STMicroelectronics STW5094 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
9/37
STw5094
II.11 Audio Data Interface (I2S I
⁄ F):
The I2S I
⁄ F is used to receive the Left and Right channel Audio data (see Fig. 4 and 5). The interface is I2S
compatible and can be configured in other different modes writing CR16.
When the I2S I
⁄ F is active (Audio mode) the Master Clock of the device is OCK. The frequency of OCK is 256
times the sampling frequency (LRCK frequency) when the sampling frequency is between 16kHz and 48kHz
(LAY(1) =0 in CR6), and 512 times when the sampling frequency is between 8kHz and 12kHz (LAY = 10 in
CR6). The polarity of OCK can be selected.
SCK frequency is 32 times the LRCK one in case of 16bit Data word and 64 times in case of 18bit to 24bit Data
word. Left channel data are always received first, the polarity of LRCK can be selected.
The first 35 Data frames after power up are discarded while the interpolation filters data memory is cleared.
II.12 Control Interface (I2C I
⁄ F):
The I2C I
⁄ F is used to program the device by writing and reading the control registers (see Fig 6 and 7). The
interface is I2C bus compatible, being the STw5094 a Slave device. SDA is the bidirectional open-drain data pin
and SCL is the input clock pin. The Device Address is E2 hex. for writing and E3 hex. for reading.
The interface has an internal address register that keeps the current address of the control register to be read
or written. At each write access of the interface the address register is loaded with the data of the register
address field. The value in the address register is increased after each data byte read or write. It is possible to
access the interface in 2 modes: single-byte mode in which the address and data of a single register are
specified, and multi-byte mode in which the address of the first register to be written or read is specified and all
the following bytes exchanged are the data of successive address registers starting from the one specified (in
multi-byte mode the internal address counter restart from register 0 after the last register 18). Using the
multi-byte mode it is possible to write or read all the registers with a single access to the device on the I2C bus.
The Control interface can be used both in power-up and power-down state.
II.13 Master Clock in FM mode and Tone Only modes:
In FM mode and in Tone Only mode the Master Clock of the device can be selected to be AUXCLK, MCLK or
OCK writing bits CFM in CR18. The Auxiliary clock AUXCLK can be used when the Audio mode clock OCK
and the Voice mode clock MCLK are not available. AUXCLK and MCLK frequency selection is done with bits
F in CR0.
II.14 REMOCON function:
The REMOCON (Remote Control) function can be used to detect the status of an headset button. The
REMOCON function is enabled by setting bit REN in CR17. If enabled, this function is active also when the
STw5094 is in power-down state.
A High level at REMIN input is detected as a non pressed button, while a low level is detected as a pressed
button. The "Pressed Button" information can be treated in 2 ways depending on bit RLM in CR17:
- if RLM = 0 (Transparent mode) the information at REMIN is seen at REMOUT after a debounce time of 50ms
maximum;
- if RLM = 1 (Latched Mode) the information stored in bit RDL in CR17 is seen at REMOUT. RDL is set after a
debounce time of 50ms maximum when a low level at REMIN is detected. RDL is reset with power on
initialization and can also be reset writing 0 in bit RDL.
The REMOUT output polarity can be inverted setting bit ROI in CR17: the pressed button information is
presented at REMOUT output as a logic 1 if bit ROI = 0. If ROI = 1 the polarity is inverted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com