Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5094 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STW5094
Description  18 BIT 8kHz TO 48kHz LOW POWER STEREO AUDIO DAC WITH INTEGRATED POWER AMPLIFIERS AND VOICE CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STW5094 Datasheet HTML 14Page - STMicroelectronics STW5094 Datasheet HTML 15Page - STMicroelectronics STW5094 Datasheet HTML 16Page - STMicroelectronics STW5094 Datasheet HTML 17Page - STMicroelectronics STW5094 Datasheet HTML 18Page - STMicroelectronics STW5094 Datasheet HTML 19Page - STMicroelectronics STW5094 Datasheet HTML 20Page - STMicroelectronics STW5094 Datasheet HTML 21Page - STMicroelectronics STW5094 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
STw5094
18/37
TIMING DIAGRAM
Figure 1. Voice Interface (PCM I/F) Non Delayed Data Timing Mode (*)
Figure 2. Voice Interface (PCM I/F) Delayed Data Timing Mode (*)
(*) In the case of companded code the timing is applied to 8 bits instead of 16 bits.
tDMZ
tSFM
tHMF
tHMF
tWLM
tWMH
tRM
tFM
tDMD
tDFD
tSDM
tHMD
1
1
2
3
4
5
6
7
16
2
3
4
5
6
7
16
3
2
1
4
5
6
7
16
17
MCLK
FS
DX
DR
tHMF
tSFM
tDMZ
tSFM
tWLM
tWMH
tRM
tFM
tDMD
tSDM
tHMD
1
1
2
3
4
5
6
7
16
2
3
4
5
6
7
16
3
2
1
4
5
6
7
16
17
MCLK
FS
DX
DR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com