Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5094 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STW5094
Description  18 BIT 8kHz TO 48kHz LOW POWER STEREO AUDIO DAC WITH INTEGRATED POWER AMPLIFIERS AND VOICE CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094 Datasheet(HTML) 2 Page - STMicroelectronics

  STW5094 Datasheet HTML 1Page - STMicroelectronics STW5094 Datasheet HTML 2Page - STMicroelectronics STW5094 Datasheet HTML 3Page - STMicroelectronics STW5094 Datasheet HTML 4Page - STMicroelectronics STW5094 Datasheet HTML 5Page - STMicroelectronics STW5094 Datasheet HTML 6Page - STMicroelectronics STW5094 Datasheet HTML 7Page - STMicroelectronics STW5094 Datasheet HTML 8Page - STMicroelectronics STW5094 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
STw5094
2/37
APPLICATIONS:
s
CDMA,GSM,DCS1800,PCS1900,JDC DIGITAL
CELLULAR TELEPHONES WITH MP3 AND
FM RADIO STEREO LISTENING FUNCTIONS.
s
PORTABLE DEVICES WITH A STEREO
DIGITAL AUDIO SOURCE AND FM RADIO
LISTENING FUNCTION.
GENERAL DESCRIPTION
STw5094 is a low power Stereo Audio DAC device
with Headphones Amplifiers for high quality MP3 and
FM radio listening. The STw5094 includes also an
high performance
low power
combined
PCM
CODEC
⁄ FILTER tailored to implement the audio
front-end
functions
required
by
low voltage
low power consumption digital cellular terminals with
added MP3 and FM radio listening.
STw5094 offers a number of programmable functions
accessed through an I2C-bus compatible interface.
The STw5094 Stereo Audio DAC section is suited for
MP3, or any other audio stereo source, listening. It
supports all the MP3 rates from 8kHz to 48kHz. The
audio data serial interface is I2S compatible and can
be programmed to handle 16 to 24 bit word length in-
put data. The internal D to A converters work with 18
bit input resolution.
The Stereo Headphones drivers can also be used for
FM Radio listening via an auxiliary stereo analog in-
put. A Loudspeaker driver can also be used for mono-
phonic group listening.
The STw5094 Voice Codec section can be configured
either as a 14-bit linear or as an 8-bit companded
PCM coder. The Frame Synchronism frequency of
the Voice Codec can be either the standard 8kHz val-
ue or the extended 16kHz one.
In
addition
to
the
Stereo
Audio
DAC
and
CODEC
⁄ FILTER functions, STw5094 includes a
Tone
⁄ Ring ⁄ DTMF generator that can be used both
in Audio Listening mode and in Voice Codec mode, a
sidetone generation, a buzzer driver output and a re-
mote control function tailored to handle an external
on-hook off-hook button.
STw5094 Voice Codec fulfills and exceeds D3
⁄ D4
and CCITT recommendations and ETSI requirements
for digital handset terminals. The Stereo Audio DAC
part fulfills and exceeds the requirements for MP3
quality and FM radio quality listening. Main applica-
tions include digital mobile phones, as cellular and
cordless phones, with added low-power high-quality
MP3 and
⁄ or FM radio listening features, or any bat-
tery powered equipment that requires Stereo Audio
DAC with Headphones drivers operating at low single
supply voltage.
PIN CONNECTIONS (Top view)
234
56
1
A
B
C
D
E
F
MIC2P REMOUT
MCLK
DR
DX
MIC2N
MIC1N
MBIAS
VCC
FS
GND
MIC1P
VCCA
CAP2
REMIN
AUXCLK
LRCK
MIC3
FMR
GNDCM
VCCIO
SDI
SCK
GNDA
HPL
GNDP
DNC
OCK
BZ
FML
LSP
VCCP
HPR
SDA
SCL
LSN
TFBGA 6x6x1.2 (36 Pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com