Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5094 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW5094
Description  18 BIT 8kHz TO 48kHz LOW POWER STEREO AUDIO DAC WITH INTEGRATED POWER AMPLIFIERS AND VOICE CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094 Datasheet(HTML) 1 Page - STMicroelectronics

  STW5094 Datasheet HTML 1Page - STMicroelectronics STW5094 Datasheet HTML 2Page - STMicroelectronics STW5094 Datasheet HTML 3Page - STMicroelectronics STW5094 Datasheet HTML 4Page - STMicroelectronics STW5094 Datasheet HTML 5Page - STMicroelectronics STW5094 Datasheet HTML 6Page - STMicroelectronics STW5094 Datasheet HTML 7Page - STMicroelectronics STW5094 Datasheet HTML 8Page - STMicroelectronics STW5094 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1/37
STw5094
November 2003
FEATURES:
Complete STEREO AUDIO DAC and FILTERS
including:
s
18 BIT DIGITAL TO ANALOG CONVERTERS.
s
LINEAR PHASE DIGITAL FILTERS.
s
ACTIVE LINEAR PHASE SMOOTHING
FILTER.
s
30
Ω LOAD STEREO HEADPHONES
DRIVERS, 8
Ω LOAD MONO LOUDSPEAKER
DRIVER FOR GROUP LISTENING.
Stereo Audio DAC Features:
s
MULTIBIT
Σ∆ MODULATOR WITH DATA
WEIGHTED AVERAGING DAC.
s
92 dB DYNAMIC RANGE, 0.01% THD OVER
30
Ω LOAD PERFORMANCE.
s
SUPPORTS ALL THE MPEG 1 & 2 SAMPLING
FREQUENCIES AND THE EXTENSION TO
MPEG 2.5: 8, 11.025, 12, 16, 22.05, 24, 32,
44.1, 48 kHz.
s
TONES FROM TONE GENERATOR CAN BE
INJECTED IN THE AUDIO PATHS.
Stereo Headphones and Loudspeaker/Earpiece
Power Amplifiers features and Stereo Input for
FM Radio Features:
s
20kHz BANDWIDTH STEREO HEADPHONES
OUTPUTS. DRIVING CAPABILITY: 20mW
(TYP. 0.1% T.H.D) OVER 30
Ω WITH 40 dB
RANGE PROGRAMMABLE GAIN.
s
BALANCED EARPIECE
⁄ LOUDSPEAKER
OUTPUT. DRIVING CAPABILITY: 190mW
(TYP. 0.1% T.H.D) OVER 8
Ω WITH 30dB
RANGE PROGRAMMABLE GAIN.
s
ANALOG STEREO INPUT FOR FM RADIO
WITH 38 dB RANGE PROGRAMMABLE GAIN.
Complete CODEC and FILTER system including:
s
14 BIT LINEAR ADC AND DAC.
s
8 BIT COMPANDED ADC AND DAC A-LAW
OR
µ-LAW.
s
TRANSMIT AND RECEIVE DIGITAL
BAND-PASS FILTERS.
s
ACTIVE ANTIALIAS AND SMOOTHING
FILTERS.
s
8
Ω LOAD EARPIECE/LOUDSPEAKER
DRIVER, 30
Ω LOAD AUXILIARY DRIVER.
Voice CODEC Features:
s
SUPPORT BOTH 8kHz AND 16kHz
SAMPLING RATE.
s
ONE MICROPHONE BIASING OUTPUT.
s
REMOTE CONTROL FUNCTION.
s
ONE LINE INPUT AND TWO SWITCHABLE
MICROPHONE AMPLIFIER INPUTS. 42.5dB
RANGE PROGRAMMABLE GAIN.
s
TRANSIENT SUPRESSION DURING POWER
UP AND POWER DOWN.
s
INTERNAL PROGRAMMABLE SIDETONE
CIRCUIT.
s
INTERNAL RING, TONE AND DTMF
GENERATOR.
s
PROGRAMMABLE PWM BUZZER DRIVER.
General Features:
s
SINGLE 2.7V to 3.3V SUPPLY.
s
EXTENDED TEMPERATURE RANGE
OPERATION (*) -40°C to 85°C.
s
1
µW STANDBY POWER (TYP. AT 2.7V).
s
13 mW OPERATING POWER IN AUDIO
LISTENING MODE (TYP. AT 2.7V).
s
11 mW OPERATING POWER IN VOICE
CODEC MODE (TYP. AT 2.7V).
s
1.8V TO 3.3V CMOS COMPATIBLE DIGITAL
INTERFACES.
s
PROGRAMMABLE PCM INTERFACE.
s
I2C COMPATIBLE CONTROL INTERFACE.
s
PROGRAMMABLE SERIAL AUDIO DATA
INPUT INTERFACE (I2S AND OTHER
FORMATS).
(*) Functionality guaranteed in the range - 40°C to +85°C; Timing
and Electrical Specifications are guaranteed in the range - 30°C
to +85°C.
TFBGA 6x6 (36 pins)
ORDERING NUMBER: STw5094
18 BIT 8kHz TO 48kHz LOW POWER STEREO AUDIO DAC
WITH INTEGRATED POWER AMPLIFIERS AND VOICE CODEC


Similar Part No. - STW5094

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW5094A STMICROELECTRONICS-STW5094A Datasheet
556Kb / 51P
18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
09-Dec-2005
STW5094A STMICROELECTRONICS-STW5094A Datasheet
600Kb / 52P
18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
09-Dec-2005
STW5094AD STMICROELECTRONICS-STW5094AD Datasheet
556Kb / 51P
18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
09-Dec-2005
STW5094AD/LF STMICROELECTRONICS-STW5094AD/LF Datasheet
600Kb / 52P
18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
09-Dec-2005
STW5094ADLF STMICROELECTRONICS-STW5094ADLF Datasheet
556Kb / 51P
18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
09-Dec-2005
More results

Similar Description - STW5094

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW5095 STMICROELECTRONICS-STW5095 Datasheet
667Kb / 69P
Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
08-Nov-2005
STW5094A STMICROELECTRONICS-STW5094A Datasheet
556Kb / 51P
18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
09-Dec-2005
STW5098 STMICROELECTRONICS-STW5098 Datasheet
902Kb / 85P
Dual low power asynchronous stereo audio Codec with integrated power amplifiers
24-Apr-2007
logo
Texas Instruments
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
logo
STMicroelectronics
STW5094A STMICROELECTRONICS-STW5094A_05 Datasheet
600Kb / 52P
18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
09-Dec-2005
STW5095 STMICROELECTRONICS-STW5095_07 Datasheet
844Kb / 73P
Low-power asynchronous stereo audio Codec with integrated power amplifiers
23-Apr-2007
STW5098 STMICROELECTRONICS-STW5098_07 Datasheet
943Kb / 86P
Dual low power asynchronous stereo audio Codec with integrated power amplifiers
24-Apr-2007
logo
Texas Instruments
TLV320DAC3203 TI1-TLV320DAC3203 Datasheet
890Kb / 35P
Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com