Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5094 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STW5094
Description  18 BIT 8kHz TO 48kHz LOW POWER STEREO AUDIO DAC WITH INTEGRATED POWER AMPLIFIERS AND VOICE CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STW5094 Datasheet HTML 17Page - STMicroelectronics STW5094 Datasheet HTML 18Page - STMicroelectronics STW5094 Datasheet HTML 19Page - STMicroelectronics STW5094 Datasheet HTML 20Page - STMicroelectronics STW5094 Datasheet HTML 21Page - STMicroelectronics STW5094 Datasheet HTML 22Page - STMicroelectronics STW5094 Datasheet HTML 23Page - STMicroelectronics STW5094 Datasheet HTML 24Page - STMicroelectronics STW5094 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
21/37
STw5094
Figure 6. Control Interface (I2C I/F) formats
Figure 7. Control Interface (I2C I/F) Timing
Figure 8. A.C. TESTING INPUT, OUTPUT WAVEFORM
WRITE
SINGLE BYTE
START
DEVICE ADDRESS
REG n ADDRESS
REG n DATA IN
ACK
ACK
ACK
STOP
WRITE
MULTI BYTE
START
DEVICE ADDRESS
REG n ADDRESS
REG n DATA IN
ACK
ACK
ACK
STOP
REG n+m DATA IN
ACK
m+1 data bytes
CURRENT ADDR
START
DEVICE ADDRESS
Current REG DATA OUT
ACK
NO ACK
STOP
READ
SINGLE BYTE
CURRENT ADDR
START
DEVICE ADDRESS
Current REG DATA OUT
ACK
NO ACK
STOP
READ
MULTI BYTE
Curr REG+m DATA OUT
ACK
ACK
ACK
m+1 data bytes
START
DEVICE ADDRESS
REG n ADDRESS
ACK
ACK
START
DEVICE ADDRESS
REG n DATA OUT
111000
11
ACK
NO ACK
STOP
RANDOM ADDR
READ
SINGLE BYTE
RANDOM ADDR
READ
MULTI BYTE
START
DEVICE ADDRESS
REG n ADDRESS
ACK
ACK
START
DEVICE ADDRESS
111000
11
NO ACK
STOP
REG n+m DATA OUT
ACK
ACK
m+1 data bytes
REG n DATA OUT
ACK
11 10 00 11
11 10 00 11
11 10 00 10
11 10 00 10
11 10 00 10
11 10 00 10
(STO)
tSU
(STA)
tSU
(STA)
tHD
(DAT)
tSU
tHIGH
tBUF
(DAT)
tHD
tF
tR
tLOW
(STA)
tHD
P
S
P
Sr
SCL
SDA
P = STOP
S = START
Sr = START repeated
AC Testing: inputs are driven at 0.8VCCIO for a logic "1" and 0.2VCCIO for a logic "0".
Timing measurements are made at 0.7VCCIO for a logic "1" and 0.3VCCIO for a logic "0".
TEST POINTS
0.7VCCIO
0.3VCCIO
0.7VCCIO
0.3VCCIO
0.8VCCIO
0.2VCCIO
INPUT
⁄ OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com