Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1001 Datasheet(PDF) 11 Page - International Rectifier

Part # IP1001
Description  Full Function Synchronous Buck Power Block
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1001 Datasheet(HTML) 11 Page - International Rectifier

Back Button IP1001 Datasheet HTML 7Page - International Rectifier IP1001 Datasheet HTML 8Page - International Rectifier IP1001 Datasheet HTML 9Page - International Rectifier IP1001 Datasheet HTML 10Page - International Rectifier IP1001 Datasheet HTML 11Page - International Rectifier IP1001 Datasheet HTML 12Page - International Rectifier IP1001 Datasheet HTML 13Page - International Rectifier IP1001 Datasheet HTML 14Page - International Rectifier IP1001 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.irf.com
11
iP1001
DESIGNPROCEDURE
Inductor Selection
The inductor is selected according to the following
expression.
L = V
OUT x (1-D) / (fsw x ∆IL)
where, D = V
OUT
/ V
IN
V
OUT is the output voltage in Volts,
fsw is the switching frequency in kHz,
∆I
L is the output inductor ripple current.
The inductor value should be selected from 0.8
µH
to 2.0
µH range.
Output Capacitor Selection
Use tantalum or POSCAP type capacitors for iP1001.
Selection of the output capacitors depends on
several factors.
• Low effective ESR for ripple and load transient
requirements.
• Stability.
To support the load transients and to stay within a
specified voltage dip
∆V due to the transients, ESR
selection should satisfy the following equation:
R
ESR ≤ ∆V/∆I
where,
∆I is the transient load step
If output voltage ripple is required to be maintained
at specified levels then, the following expression
should be used to select the output capacitors.
R
ESR ≤ Vp-p / ∆IL
where, V
p-p is the peak to peak output voltage ripple.
The value of the output capacitor ESR zero frequency
also determines stability. The value of the ESR zero
frequency is calculated by the expression:
R
ESR = 1 / (2π x fESR x COUT)
A 470
µF POSCAP capacitor has a maximum 35mΩ
of ESR which provides 9.7kHz zero frequency.
The ESR zero frequency must be set below 12kHz.
This value is calculated assuming the capacitor
datasheet maximum ESR value.
Example:
To determine the amount of capacitance
to meet a 30mVp-p output ripple, with 4A
inductor current ripple requirement.
The calculated ESR will be = 30mV/4A =
7.5m
Ω. This will require 5 x 470uF POSCAP
capacitors. The total ESR will result in a
9.7kHz zero frequency.
For stable operation:
• Set the resonant frequency fo of the output
inductor and capacitor between 2kHz and 4kHz.
The resonant frequency is calculated using the
following expression:
fo = 1/ (2
π x (√LC))
• Select the output inductor value between 0.8µµµµµH
to 2.0
µµµµµH and the output capacitance between
1880
µµµµµF (4x 470µµµµµF) and 5600µµµµµF (12x470µµµµµF)
• Set the minimum output ripple voltage to be
greater than 0.5% of the output voltage. Select the
capacitor by ESR and by voltage rating rather than
capacitance.
External Input Capacitor Selection
The switching currents impose RMS current
requirements on the input capacitors. The following
expression allows the selection of the input
capacitors, based on the input RMS current:
I
RMS = ILOAD x ( √D x (1-D))
where, D = V
OUT/VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com