Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1001 Datasheet(PDF) 12 Page - International Rectifier

Part # IP1001
Description  Full Function Synchronous Buck Power Block
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1001 Datasheet(HTML) 12 Page - International Rectifier

Back Button IP1001 Datasheet HTML 8Page - International Rectifier IP1001 Datasheet HTML 9Page - International Rectifier IP1001 Datasheet HTML 10Page - International Rectifier IP1001 Datasheet HTML 11Page - International Rectifier IP1001 Datasheet HTML 12Page - International Rectifier IP1001 Datasheet HTML 13Page - International Rectifier IP1001 Datasheet HTML 14Page - International Rectifier IP1001 Datasheet HTML 15Page - International Rectifier IP1001 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
www.irf.com
12
iP1001
Application Issues
Setting V
OUT above 2V
In certain applications where the output voltage is
required to be set higher than the maximum DAC
code setting of 2V, it is possible to use an external
resistive voltage divider which, for accuracy, needs
to have 1% or better tolerance. The switching
frequency should be set at 200kHz by connecting
the FREQ pin to V
DD. Also, the output voltage should
never be set higher than 3.3V with a V
IN minimum of
5V, or 2.5V with a V
IN minimum of 3.3V. The DAC
code should be set to 2V and the following equation
used to select the resistors:
V
OUT = VF x (1 + R3/R4)
See the reference design for reference designators.
Note that the impedance at V
F is 180KΩ ±35%. It is
recommended that R3 be calculated assuming a
value of 1k
Ω for R4. Connect V
FS to VF and GNDS to
PGND.
Duty Cycle D = V
OUT / VIN >50%
For duty cycles >50% the switching frequency should
be set at 200kHz. 300kHz switching frequency can
be selected if the output is less than 2V and the duty
cycle is <50%.
For duty cycles >50%, add external compensation
ramp from the Vsw terminal of the iP1001 device as
shown in the reference design through R9 resistor
and C21 capacitor (Fig 10a.). For optimum perfor-
mance maintain a RC time constant of approximately
5
µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com