Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1001 Datasheet(PDF) 16 Page - International Rectifier

Part # IP1001
Description  Full Function Synchronous Buck Power Block
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1001 Datasheet(HTML) 16 Page - International Rectifier

Back Button IP1001 Datasheet HTML 10Page - International Rectifier IP1001 Datasheet HTML 11Page - International Rectifier IP1001 Datasheet HTML 12Page - International Rectifier IP1001 Datasheet HTML 13Page - International Rectifier IP1001 Datasheet HTML 14Page - International Rectifier IP1001 Datasheet HTML 15Page - International Rectifier IP1001 Datasheet HTML 16Page - International Rectifier IP1001 Datasheet HTML 17Page - International Rectifier IP1001 Datasheet HTML 18Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
www.irf.com
16
iP1001
Table 4 - Reference Design Bill of Materials
IRDCiP1001-A (For operation <4.5V
IN)
Designator
Value
Part Type
Footprint
Mfr.
Mfr. P/N
C1, C3, C5
100uF
Capacitor, 6.3V, 20%, X5R
1812
TDK
C4532X5R0J107MT
C2, C4, C6, C7, C8, C9, C10, C15
-
Not Installed
-
-
-
C11, C12, C13, C14
470uF
Capacitor, 6.3V, 20%, Tantalum
7343
Sanyo
6TPB470M
C16, C19
0.100uF
Capacitor, 50V, 10%, X7R
1206
Novacap
1206B104K500N
C17, C18
10.0uF
Capacitor, 16V, 10%, X5R
1210
TDK
C3225X5R1C106KT
C20
1.00uF
Capacitor, 10V, 10%, X7R
0805
MuRata
GRM40X7R105K010
C21
47.0pF
Capacitor, 50V, 5%, C0G
1206
MuRata
GRM42-6C0G470J050A
D1
40V
Schottky Diode, 40V, 2.1A
D-64
International Rectifier
10MQ040N
JP1, JP2, JP3
-
Test Point
-
Samtec
TSW-102-07-LS
JP1-1, JP2-1, JP3-1
-
Shunt
-
Samtec
SNT-100-BKT
L1
1.06uH
Inductor, 16A, 20%, Ferrite
SMT
Panasonic
ETQP6F1R1BFA
L2
22uH
Inductor, 0.68A, 20%, Ferrite
SMT
Sumida
CR43-220
R1
0
Resistor, 0
Jumper
2716
Isotek Corp
SMT-R000
R2
-
For <2Vout, Not installed
For >2Vout, Resistor, 0
Jumper
SMT
-
-
R3
-
For <2Vout, Resistor, 0
Jumper
For >2Vout see formula for value
SMT
-
-
R4
-
For <2Vout, Not installed
For >2Vout recommend 1k
see formula for detail
SMT
-
-
R5
-
For <2Vout, Resistor, 0
Jumper
For >2Vout, Not installed
1206
Panasonic
ERJ-8GEY0R00
R6
0
Resistor, 0
Jumper
1206
-
-
R7
340k
Resistor, 340k , 1%
340k
sets for 20A limit.
See ILIM formula for other values
1206
ROHM
MCR18EZHF3403
R8
100k
Resistor, 100k , 5%
1206
ROHM
MCR18EZHJ104
R9
91k
Resistor, 91k , 5%
1206
ROHM
MCR18EZHJ913
SW1
-
8-position DIP switch
SMT
C&K Components
SD08H0SK
TP1, TP3
-
Not Installed
-
-
-
TP2, TP4, TP5
-
Test Point
-
Keystone
1502-2
U1
-
Power Block
SSBGA
14mmx14mm
International Rectifier
iP1001
U2
-
IC, Step-Up DC-DC Converter, 0.5A
8uMAX
Maxim
MAX1675EUA
IRDCiP1001-B (For operation 5V
IN to 12VIN)
Designator
Value
Part Type
Footprint
Mfr.
Mfr. P/N
C1 C2 C3 C4 C5 C6 C7 C8 C9 C10 10.0uF
Capacitor, 25V, 10%, X5R
1812
MuRata
GRM43-2X5R106K25A
C11 C12 C13 C14
470uF
Capacitor, 6.3V, 20%, Tantalum
7343
Sanyo
6TPB470M
C16
0.100uF
Capacitor, 50V, 10%, X7R
1206
Novacap
1206B104K500N
C15, C17, C18, C19, C20, C21
-
Not Installed
-
-
-
D1
40V
Schottky Diode, 40V, 2.1A
D-64
International Rectifier
10MQ040N
JP1, JP2, JP3
-
Not Installed
-
-
-
JP1-1, JP2-1, JP3-1
-
Not Installed
-
-
-
L1
1.06uH
Inductor, 16A, 20%, Ferrite
SMT
Panasonic
ETQP6F1R1BFA
L2
-
Not Installed
-
-
-
R1
0
Resistor, 0
Jumper
2716
Isotek Corp
SMT-R000
R2
-
For <2Vout, Not installed
For >2Vout, Resistor, 0
Jumper
SMT
-
-
R3
-
For <2Vout, Resistor, 0
Jumper
For >2Vout see formula for value
SMT
-
-
R4
-
For <2Vout, Not installed
For >2Vout recommend 1k
see formula for detail
SMT
-
-
R5
-
For <2Vout, Resistor, 0
Jumper
For >2Vout, Not installed
1206
Panasonic
ERJ-8GEY0R00
R6
0
Resistor, 0
Jumper
1206
-
-
R7
340k
Resistor, 340k , 1%
340k
sets for 20A limit.
See ILIM formula for other values
1206
ROHM
MCR18EZHF3403
R8, R9
-
Not Installed
-
-
-
SW1
-
8-position DIP switch
SMT
C&K Components
SD08H0SK
TP1 TP2 TP4 TP5
-
Test Point
-
Keystone
1502-2
TP3
-
Not Installed
-
-
-
U1
-
Power Block
SSBGA
14mmx14mm
International Rectifier
iP1001
U2
-
Not Installed
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com