Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1001 Datasheet(PDF) 17 Page - International Rectifier

Part # IP1001
Description  Full Function Synchronous Buck Power Block
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1001 Datasheet(HTML) 17 Page - International Rectifier

Back Button IP1001 Datasheet HTML 10Page - International Rectifier IP1001 Datasheet HTML 11Page - International Rectifier IP1001 Datasheet HTML 12Page - International Rectifier IP1001 Datasheet HTML 13Page - International Rectifier IP1001 Datasheet HTML 14Page - International Rectifier IP1001 Datasheet HTML 15Page - International Rectifier IP1001 Datasheet HTML 16Page - International Rectifier IP1001 Datasheet HTML 17Page - International Rectifier IP1001 Datasheet HTML 18Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
www.irf.com
17
iP1001
Mechanical Drawing
Refer to the following application notes for detailed guidelines and suggestions when implementing
iPOWIR Technology products:
AN-1028: Recommended Design, Integration and Rework Guidelines for International Rectifier’s
iPOWIR Technology BGA Packages
This paper discusses the assembly considerations that need to be taken when mounting iPOWIR BGA’s
on printed circuit boards. This includes soldering, pick and place, reflow, inspection, cleaning and
reworking recommendations.
AN-1029: Optimizing a PCB Layout for an iPOWIR Technology Design
This paper describes how to optimize the PCB layout design for both thermal and electrical performance.
This includes placement, routing, and via interconnect suggestions.
AN-1030: Applying iPOWIR Products in Your Thermal Environment
This paper explains how to use the Power Loss and SOA curves in the data sheet to validate if the
operating conditions and thermal environment are within the Safe Operating Area of the iPOWIR product.
0.12 [.005] C
2. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES].
3. CONTROLLING DIMENSION: MILLIMETER
1. DIMENSIONING & TOLERANCING PER ASME Y14.5M-1994.
NOTES:
(4X 1.0 [.039])
2.66 [.1047]
2.46 [.0969]
TOP VIEW
BOTTOM VIEW
SIDE VIEW
3.11 [.1224]
2.81 [.1107]
C
0.45 [.0177]
0.35 [.0138]
PACKAGE BODY.
BALL DIAMETER, IN A PLANE PARALLEL TO DATUM C.
SPHERICAL CROWNS OF THE SOLDER BALLS.
4. SOLDER BALL POSITION DESIGNATION PER JESD 95-1, SPP-010.
7
SOLDER BALL DIAMETER IS MEASURED AT THE MAXIMUM SOLDER
5
PRIMARY DATUM C (SEATING PLANE) IS DEFINED BY THE
6
BILATERAL TOLERANCE ZONE IS APPLIED TO EACH SIDE OF THE
5
0.15 [.006] C
CORNER ID
BALL A1
2X
6
14.00
[.551]
B
14.00
[.551]
A
0.15 [.006] C
2X
6
0.15 [.006]
C A B
0.08 [.003]
C
218X Ø
0.45 [.0178]
0.55 [.0216]
7
0.40
[.016]
4X
0.80
[.032]
30X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com