Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2671 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2671
Description  SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2671 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2671 Datasheet HTML 4Page - National Semiconductor (TI) LM2671 Datasheet HTML 5Page - National Semiconductor (TI) LM2671 Datasheet HTML 6Page - National Semiconductor (TI) LM2671 Datasheet HTML 7Page - National Semiconductor (TI) LM2671 Datasheet HTML 8Page - National Semiconductor (TI) LM2671 Datasheet HTML 9Page - National Semiconductor (TI) LM2671 Datasheet HTML 10Page - National Semiconductor (TI) LM2671 Datasheet HTML 11Page - National Semiconductor (TI) LM2671 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Typical Performance Characteristics
(Circuit of Figure 2)
Continuous Mode Switching Waveforms
V
IN = 20V, VOUT = 5V, ILOAD = 500 mA
L = 100 µH, C
OUT = 100 µF, COUTESR = 0.1
Ω
Discontinuous Mode Switching Waveforms
V
IN = 20V, VOUT = 5V, ILOAD = 300 mA
L = 15 µH, C
OUT = 68 µF (2x), COUTESR=25 m
Ω
10004218
A: VSW Pin Voltage, 10 V/div.
B: Inductor Current, 0.2 A/div
C: Output Ripple Voltage, 50 mV/div AC-Coupled
Horizontal Time Base: 1 µs/div
10004219
A: VSW Pin Voltage, 10 V/div.
B: Inductor Current, 0.5 A/div
C: Output Ripple Voltage, 20 mV/div AC-Coupled
Horizontal Time Base: 1 µs/div
Load Transient Response for Continuous Mode
V
IN = 20V, VOUT =5V
L = 100 µH, C
OUT = 100 µF, COUTESR = 0.1
Ω
Load Transient Response for Discontinuous Mode
V
IN = 20V, VOUT = 5V,
L = 47 µH, C
OUT = 68 µF, COUTESR=50 m
Ω
10004220
A: Output Voltage, 100 mV/div, AC-Coupled
B: Load Current: 100 mA to 500 mA Load Pulse
Horizontal Time Base: 50 µs/div
10004221
A: Output Voltage, 100 mV/div, AC-Coupled
B: Load Current: 100 mA to 400 mA Load Pulse
Horizontal Time Base: 200 µs/div
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com