Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2671 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2671
Description  SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2671 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM2671 Datasheet HTML 12Page - National Semiconductor (TI) LM2671 Datasheet HTML 13Page - National Semiconductor (TI) LM2671 Datasheet HTML 14Page - National Semiconductor (TI) LM2671 Datasheet HTML 15Page - National Semiconductor (TI) LM2671 Datasheet HTML 16Page - National Semiconductor (TI) LM2671 Datasheet HTML 17Page - National Semiconductor (TI) LM2671 Datasheet HTML 18Page - National Semiconductor (TI) LM2671 Datasheet HTML 19Page - National Semiconductor (TI) LM2671 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LM2671 Series Buck Regulator Design Procedure (Fixed Output) (Continued)
V
R
1A Diodes
3A Diodes
Surface
Through
Surface
Through
Mount
Hole
Mount
Hole
20V
SK12
1N5817
SK32
1N5820
B120
SR102
SR302
30V
SK13
1N5818
SK33
1N5821
B130
11DQ03
30WQ03F
31DQ03
MBRS130
SR103
40V
SK14
1N5819
SK34
1N5822
B140
11DQ04
30BQ040
MBR340
MBRS140
SR104
30WQ04F
31DQ04
10BQ040
MBRS340
SR304
10MQ040
MBRD340
15MQ040
50V
SK15
MBR150
SK35
MBR350
B150
11DQ05
30WQ05F
31DQ05
10BQ050
SR105
SR305
FIGURE 12. Schottky Diode Selection Table
International Rectifier
Corp.
Phone
(310) 322-3331
FAX
(310) 322-3332
Motorola, Inc.
Phone
(800) 521-6274
FAX
(602) 244-6609
General Instruments
Corp.
Phone
(516) 847-3000
FAX
(516) 847-3236
Diodes, Inc.
Phone
(805) 446-4800
FAX
(805) 446-4850
FIGURE 13. Diode Manufacturers’ Phone Numbers
10004233
FIGURE 14. RMS Current Ratings for Low ESR Electrolytic Capacitors (Typical)
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com