Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2671 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2671
Description  SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2671 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2671 Datasheet HTML 9Page - National Semiconductor (TI) LM2671 Datasheet HTML 10Page - National Semiconductor (TI) LM2671 Datasheet HTML 11Page - National Semiconductor (TI) LM2671 Datasheet HTML 12Page - National Semiconductor (TI) LM2671 Datasheet HTML 13Page - National Semiconductor (TI) LM2671 Datasheet HTML 14Page - National Semiconductor (TI) LM2671 Datasheet HTML 15Page - National Semiconductor (TI) LM2671 Datasheet HTML 16Page - National Semiconductor (TI) LM2671 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LM2671 Series Buck Regulator Design Procedure (Fixed Output) (Continued)
PROCEDURE (Fixed Output Voltage Version)
EXAMPLE (Fixed Output Voltage Version)
7. Frequency Synchronization (optional)
The LM2671 (oscillator) can be synchronized to run with an
external oscillator, using the sync pin (pin 3). By doing so, the
LM2671 can be operated at higher frequencies than the
standard frequency of 260 kHz. This allows for a reduction in
the size of the inductor and output capacitor.
As shown in the drawing below, a signal applied to a RC filter at
the sync pin causes the device to synchronize to the frequency
of that signal. For a signal with a peak-to-peak amplitude of 3V
or greater,a1k
Ω resistor and a 100 pF capacitor are suitable
values.
7. Frequency Synchronization (optional)
For all applications, usea1k
Ω resistor and a 100 pF capacitor
for the RC filter.
INDUCTOR VALUE SELECTION GUIDES
(For Continuous Mode Operation)
10004229
FIGURE 4. LM2671-3.3
10004230
FIGURE 5. LM2671-5.0
10004231
FIGURE 6. LM2671-12
10004232
FIGURE 7. LM2671-ADJ
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com