Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2671 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2671
Description  SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2671 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM2671 Datasheet HTML 13Page - National Semiconductor (TI) LM2671 Datasheet HTML 14Page - National Semiconductor (TI) LM2671 Datasheet HTML 15Page - National Semiconductor (TI) LM2671 Datasheet HTML 16Page - National Semiconductor (TI) LM2671 Datasheet HTML 17Page - National Semiconductor (TI) LM2671 Datasheet HTML 18Page - National Semiconductor (TI) LM2671 Datasheet HTML 19Page - National Semiconductor (TI) LM2671 Datasheet HTML 20Page - National Semiconductor (TI) LM2671 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LM2671 Series Buck Regulator Design Procedure (Fixed Output) (Continued)
LM2671 Series Buck Regulator Design Procedure (Adjustable Output)
PROCEDURE (Adjustable Output Voltage Version)
EXAMPLE (Adjustable Output Voltage Version)
To simplify the buck regulator design procedure, National
Semiconductor is making available computer design software to
be used with the SIMPLE SWITCHER line of switching
regulators. LM267X Made Simple is available on (version 6.0)
Windows 3.1, NT, or 95 operating systems.
Given:
Given:
V
OUT = Regulated Output Voltage
V
OUT = 20V
V
IN(max) = Maximum Input Voltage
V
IN(max) = 28V
I
LOAD(max) = Maximum Load Current
I
LOAD(max) = 500 mA
F = Switching Frequency (Fixed at a nominal 260 kHz).
F = Switching Frequency (Fixed at a nominal 260 kHz).
1. Programming Output Voltage (Selecting R
1 and R2,as
shown in Figure 3)
Use the following formula to select the appropriate resistor
values.
1. Programming Output Voltage (Selecting R
1 and R2,as
shown in Figure 3)
Select R
1 to be 1 k
Ω, 1%. Solve for R
2.
where V
REF = 1.21V
Select a value for R
1 between 240
Ω and 1.5 kΩ. The lower
resistor values minimize noise pickup in the sensitive feedback
pin. (For the lowest temperature coefficient and the best stability
with time, use 1% metal film resistors.)
R
2 =1 k
Ω (16.53 − 1) = 15.53 kΩ, closest 1% value is 15.4 kΩ.
R
2 = 15.4 k
Ω.
2. Inductor Selection (L1)
A. Calculate the inductor Volt
• microsecond constant E • T
(V
• µs), from the following formula:
2. Inductor Selection (L1)
A. Calculate the inductor Volt
• microsecond constant (E • T),
where V
SAT=internal switch saturation voltage=0.25V and
V
D = diode forward voltage drop = 0.5V
AVX TPS
Recommended
Application Voltage
Voltage
Rating
+85˚C Rating
3.3
6.3
510
10
20
12
25
15
35
Sprague 594D
Recommended
Application Voltage
Voltage
Rating
+85˚C Rating
2.5
4
3.3
6.3
510
816
12
20
18
25
24
35
29
50
FIGURE 15. Recommended Application Voltage for AVX TPS and
Sprague 594D Tantalum Chip Capacitors Derated for 85˚C.
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com