Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2671 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2671
Description  SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2671 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM2671 Datasheet HTML 18Page - National Semiconductor (TI) LM2671 Datasheet HTML 19Page - National Semiconductor (TI) LM2671 Datasheet HTML 20Page - National Semiconductor (TI) LM2671 Datasheet HTML 21Page - National Semiconductor (TI) LM2671 Datasheet HTML 22Page - National Semiconductor (TI) LM2671 Datasheet HTML 23Page - National Semiconductor (TI) LM2671 Datasheet HTML 24Page - National Semiconductor (TI) LM2671 Datasheet HTML 25Page - National Semiconductor (TI) LM2671 Datasheet HTML 26Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Application Information
TYPICAL SURFACE MOUNT PC BOARD LAYOUT,
FIXED OUTPUT (4X SIZE)
10004239
CIN - 15 µF, 25V, Solid Tantalum Sprague, “594D series”
COUT - 68 µF, 10V, Solid Tantalum Sprague, “594D series”
D1 - 1A, 40V Schottky Rectifier, Surface Mount
L1 - 47 µH, L13, Coilcraft DO3308
CB - 0.01 µF, 50V, Ceramic
TYPICAL SURFACE MOUNT PC BOARD LAYOUT,
ADJUSTABLE OUTPUT (4X SIZE)
Layout is very important in switching regulator designs. Rap-
idly switching currents associated with wiring inductance can
generate voltage transients which can cause problems. For
minimal inductance and ground loops, the wires indicated by
heavy lines (in Figure 2 and Figure 3) should be wide
printed circuit traces and should be kept as short as
possible. For best results, external components should be
located as close to the switcher IC as possible using ground
plane construction or single point grounding.
If open core inductors are used, special care must be
taken as to the location and positioning of this type of induc-
tor. Allowing the inductor flux to intersect sensitive feedback,
IC ground path, and C
OUT wiring can cause problems.
10004240
CIN - 15 µF, 50V, Solid Tantalum Sprague, “594D series”
COUT - 33 µF, 25V, Solid Tantalum Sprague, “594D series”
D1 - 1A, 40V Schottky Rectifier, Surface Mount
L1 - 100 µH, L20, Coilcraft DO3316
CB - 0.01 µF, 50V, Ceramic
R1 - 1k, 1%
R2 - Use formula in Design Procedure
FIGURE 18. PC Board Layout
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com