Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8401A-IP Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # CS8401A-IP
Description  Digital Audio Interface Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8401A-IP Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button CS8401A-IP Datasheet HTML 16Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 17Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 18Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 19Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 20Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 21Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 22Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 23Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
C, U, V Serial Port
The serial input pins for channel status (C), user
(U), and validity (V) are sampled during the first
bit period after the active edge of FSYNC for all
formats except Format 4, which is sampled dur-
ing the second bit period (coincident with the
MSB). In Figure 16, the arrows on SCK indicate
when the C, U, and V bits are sampled. The C,
U, and V bits are transmitted with the audio
sample entered before the FSYNC edge that
sampled it. The V bit, as defined in the audio
standards, is set to zero to indicate the audio data
is suitable for conversion to analog. Therefore,
when the audio data is errorred, or the data is
not audio, the V bit should be set high. The
channel status serial input pin (C) is not avail-
able in consumer mode when the CD subcode
port is enabled (FC1 = FC0 = high). Any chan-
nel status data entered through the channel status
serial input (C) is logically OR’ed with the data
entered through the dedicated pins or internally
generated.
RST and CBL (TRNPT is low)
When RST goes low, the differential line drivers
are set to ground and the block counters are reset
to the beginning of the first block. In order to
properly synchronize the CS8402A to the audio
serial port, the transmit timing counters, which
include CBL, are not enabled after RST goes
high until eight and one half SCK periods after
the active edge (first edge after reset is exited) of
FSYNC. When FSYNC is configured as a
left/right signal (all defined formats except 2),
the counters and CBL are not enabled until the
right sample is being entered (during which the
previous left sample is being transmitted). This
guarantees that channel A is left and channel B
is right as per the digital audio interface specs.
As shown in Figure 17, CBL, channel block start
output, can assist in serially inputting the C, U
and V bits as CBL goes high one bit period be-
fore the first bit of the preamble of the first
sub-frame of the channel status block is trans-
CUV0L
CUV0R
CUVIL
Left 0
Preamble Z
VUCP0L
Right 0
Preamble Y
VUCP0R
Right 191
Preamble Y
VUCP191R
SDATA
C,U,V
FSYNC
TXP
TXN
CUV128R
Left 128
Preamble X
VUCP128L
VUCP127R
CUV1R
C bit OR'ed w/
C1 pin
CUV0L
CUV0R
Preamble Y
Right 128
Left 0
Left 1
Right 0
Right 0
Right 128
Left 0
Left 128
C bits OR'ed w/
PRO pin
CUV191R
CUV0L
CUV0R
CUV1L
CUV191R
CUV0L
TRNPT high
TRNPT low
Bit 0 of C.S.
Block Byte 16
CBL
Aux Data
03 4
7
LSB
8
Left 0 - Audio Data
Preamble Z
28 29 30 31
MSB
27
bit
Sub-frame
V0
P0
C0
U0
TRNPT high
TRNPT low
C bits from Cpin
CUV128L
Figure 17. CBL and Transmitter Timing
CS8402A
20
DS60F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com