Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8401A-IP Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # CS8401A-IP
Description  Digital Audio Interface Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8401A-IP Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button CS8401A-IP Datasheet HTML 19Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 20Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 21Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 22Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 23Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 24Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 25Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 26Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
C2 is tied high, channel status bit 2 will be trans-
mitted as a zero. Also, FC0 and FC1 are encoded
versions of channel status bits 24 and 25, which
define the sample frequency. When FC0 and FC1
are both high, the part is placed in a CD sub-
mode which activates the CD subcode port. This
submode is described in detail in the next sec-
tion. Table 5 describes the encoding of C24 and
C25 through the FC1 and FC0 pins. According
to AES/EBU standards, C2 is copy prohibit/per-
mit, C3 specifies pre-emphasis, C8 and C9
define the category code, and C15 identifies the
generation status of the transmitted material (i.e..
first generation, second generation).
Consumer - CD Submode
The consumer CD submode is invoked by plac-
ing the part in consumer mode (PRO = high) and
setting both FC1 and FC0 high. This mode rede-
fines some of the pins for a CD subcode port as
shown in Figure 21. The CD subcode port pins,
SBF and SBC, replace the C and CBL pins respec-
tively. The user data input, U, becomes the CD
subcode input. Figure 22 describes the timing for
the CD subcode port. When SBF is low, SBC be-
comes active, clocking in the subcode bits. SBF
goes high for one SCK period, one half SCK pe-
riod after the active edge of FSYNC for all formats
(except format 4, which will be one and a half
SCK periods after the active edge of FSYNC). SBF
high for more than 16 SBC periods indicates the
start of a subcode block. The first, third, and fourth
Q bits after the start of a subcode block become
channel status bits 5, 2, and 3 respectively. Chan-
nel status bits are set by the dedicated pins; the
category code is forced to CD.
Parity
Preamble
Timing
Mux
MCK
TXP
TXN
Serial
Port
Audio
Logic
FSYNC
SCK
SDATA
C Bits
Aux
Biphase
Mark
Encoder
Line
Driver
7
6
8
20
17
5
16
RST
CBL
15
9
11
10
C
U
V
14
13
1
4
FC1
24
FC0
3
2
C9
C8
C3
C2
PRO
M2
M1
M0
23
22
21
12
C15
+5V
Registers
U Bits
Validity
Figure 20. CS8402A Block Diagram - Consumer Mode
Table 5. Sample Frequency Encoding
FC1
FC0
C24
C25
Comments
00
0
0
44.1 kHz
01
0
1
48.0 kHz
10
1
1
32.0 kHz
1
1
0
0
44.1 kHz, CD Mode
Table 4. Emphasis Encoding
EM1
EM0
C2
C3
C4
00
11
1
01
11
0
10
10
0
11
00
0
CS8402A
DS60F1
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com