Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8401A-IP Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # CS8401A-IP
Description  Digital Audio Interface Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8401A-IP Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button CS8401A-IP Datasheet HTML 23Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 24Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 25Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 26Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 27Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 28Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 29Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 30Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
TRNPT/FC1 - Transparent Mode / Frequency Control 1, PIN 24.
In professional mode, setting TRNPT low selects normal operation & CBL is an output. Setting
TRNPT high, allows the CS8402A to be connected directly to a CS8412. In transparent mode,
CBL is an input & MCK must be at 256 Fs.
In consumer mode, FC0 and FC1 are encoded versions of channel status bits 24 and 25. When
FC0 and FC1 are both high, CD mode is selected.
C/SBF - Channel Status Serial Input / Subcode Frame Clock, PIN 10.
In professional and consumer modes this pin is the channel status serial input port. In CD mode
this pin inputs the CD subcode frame clock.
CBL/SBC - Channel Status Block Output / Subcode Bit Clock, PIN 15.
In professional and consumer modes, the channel status block output is high for the first 16
bytes of channel status. In CD mode, this pin outputs the subcode bit clock.
Transmitter Interface
MCK - Master Clock, PIN 5.
Clock input at 128
× Fs the sample frequency which defines the transmit timing. In transparent
mode, MCK must be 256
× Fs.
TXP, TXN - Differential Line Drivers, PINS 20, 17.
RS422 compatible line drivers. Drivers are pulled to low when part is in reset state.
CS8402A
DS60F1
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com