Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8401A-IP Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # CS8401A-IP
Description  Digital Audio Interface Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8401A-IP Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button CS8401A-IP Datasheet HTML 21Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 22Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 23Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 24Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 25Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 26Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 27Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 28Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
PIN DESCRIPTIONS
Power Supply Connections
VD+ - Positive Digital Power, PIN 19.
Positive supply for the digital section. Nominally +5 volts.
GND - Ground, PIN 18.
Ground for the digital section.
Audio Input Interface
SCK - Serial Clock, PIN 6.
Serial clock for SDATA pin which can be configured (via the M0, M1, and M2 pins) as an
input or output, and can sample data on the rising or falling edge. As an output, SCK will
contain 32 clocks for every audio sample. As an input, it does not need to be continuous and
can be up to 15 MHz.
FSYNC - Frame Sync, PIN 7.
Delineates the serial data and may indicate the particular channel, left or right, and may be an
input or output. The format is based on M0, M1, and M2 pins.
SDATA - Serial Data, PIN 8.
Audio data serial input pin.
M0, M1, M2 - Serial Port Mode Select, PINS 21, 22, 23.
Selects the format of FSYNC and the sample edge of SCK with respect to SDATA.
Control Pins
RST - Master Reset, PIN 16.
When low, all internal counters are reset and the line drivers are disabled, pulling low.
CS8402A
CS BIT 7 / CS BIT 3
C7/C3
TRNPT/FC1 TRANSPARENT / FREQ. CTRL 1
PROFESSIONAL MODE
PRO
M2
SERIAL PORT MODE SELECT 2
CS BIT 1 / FREQ. CTRL. 0
C1/FC0
M1
SERIAL PORT MODE SELECT 1
CS BIT 6 / CS BIT 2
C6/C2
M0
SERIAL PORT MODE SELECT 0
MASTER CLOCK
MCK
TXP
TRANSMIT POSITIVE
SERIAL DATA CLOCK
SCK
VD+
POWER
FRAME SYNC
FSYNC
GND
GROUND
SERIAL INPUT DATA
SDATA
TXN
TRANSMIT NEGATIVE
VALIDITY INPUT
V
RST
MASTER RESET
CS SERIAL IN / SC FRAME CLOCK
C/SBF
CBL/SBC
CS BLOCK OUT / SC BIT CLOCK
USER DATA INPUT
UEM0/C9
EMPHASIS 0 / CS BIT 9
CS BIT 9 / CS BIT 15
C9/C15
EM1/C8
EMPHASIS 1 / CS BIT 8
1
2
3
4
5
6
7
8
9
10
11
12
13
14
24
23
22
21
20
19
18
17
16
15
CS8402A
DS60F1
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com