Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8401A-IP Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # CS8401A-IP
Description  Digital Audio Interface Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8401A-IP Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button CS8401A-IP Datasheet HTML 9Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 10Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 11Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 12Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 13Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 14Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 15Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 16Page - List of Unclassifed Manufacturers CS8401A-IP Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
on flag 0 and flag 1 may cause an interrupt, the
falling edge of flag 2 will not.
Figure 11 illustrates the flag timing for an entire
channel status block which includes 24 bytes of
channel status data and 384 audio samples. (This
figure assumes the channel status bit is the same
for the audio pair.) The lower portion of Fig-
ure 11 expands the first byte of channel status
showing eight pairs of data with a pair defined
as a frame. This is further expanded showing the
first sub-frame (A0) to contain 32 bits as per the
AES/EBU specifications (see Appendix A).
When transmitting stereo, channel A is left and
channel B is right. The preamble at the bottom
of Figure 11 is expanded in Figure 15 to show
the exact timing between flags, the interrupt pin,
and internal buffer-read timing.
Buffer Mode 0
In buffer mode 0, in addition to the user-data
buffer previously discussed, one entire block of
channel status data is buffered in 24 memory lo-
cations from address 08H to 1FH. This block
will be transmitted in both channel A and chan-
nel B, one bit per frame. Like the user-data
buffer, the parallel port can access any location
in this buffer at any time. The transmitter section
reads this buffer in a cyclic non-destructive man-
ner and stores the byte in an 8-bit shift register
that is shifted once per two transmitted audio
samples (once per frame).
Flag 1 in the status register can be used to moni-
tor the channel status buffer. In mode 0, flag 1 is
set low when byte 0, location 08H, is read, and
set high when byte 16, location 18H, is read. If
mask 1 in control register 1 is set, a transition on
flag 1 will generate a pulse on the interrupt pin.
Figure 12 illustrates the memory read sequence
for buffer mode 0 along with the flag timing.
The arrows on the flags indicate an interrupt if
the appropriate mask bit is set. Flag 0 can cause
an interrupt on either edge, which is shown only
in the expanded portion of the Figure for clarity.
The expanded section also shows that the user
buffer is reread when location 0AH of the chan-
nel status is read.
Buffer Mode 1
In buffer mode 1, eight bytes are allocated for
channel status data and 16 bytes for auxiliary
data as shown in Figure 5. The channel status
buffer, locations 08H to 0FH, is divided into two
sections. The first four locations always contain
the first four bytes of channel status, identical to
Flag 0
Flag 1
Flag 2
(Expanded)
Block
(384 Audio Samples)
08
0B
1F
C.S. Address
0
1
2
3
4
5
6
7
8
9
1011
121314
15
16
1718
192021
22
23
0
1
C.S. Byte
Flag 0
08
09
0A
0B
04
05
06
07
04
05
06
07
C.S. Address
User Address
(Addresses are in Hex)
0C
08
Figure 12. CS8401A Buffer Memory Read Sequence - MODE 0
CS8401A
DS60F1
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com