Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8401A-CS Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # CS8401A-CS
Description  Digital Audio Interface Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8401A-CS Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button CS8401A-CS Datasheet HTML 20Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 21Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 22Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 23Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 24Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 25Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 26Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 27Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Parity
Preamble
MCK
TXP
TXN
Audio
FSYNC
SCK
SDATA
Line
Driver
7
6
8
20
17
5
16
RST
9
V
12
14
13
1
4
FC1
24
FC0
3
2
+5V
C15
C9
C8
C3
C2
PRO
11
U
C Bits
Aux
Serial
Port
Logic
Register
10
SBF
Validity
Subcode
Port
U Bits
SBC
15
23
22
21
M2
M1
M0
Timing
Biphase
Mark
Encoder
Mux
Figure 21. CS8402A Block Diagram - Consumer Mode, CD Submode
SBC
U
SBF
SBF
U
SBC
PR
S
T
U
V
W
Q
Data latched on rising edge
(Expanded)
Figure 22. CD Subcode Port Timing
CS8402A
24
DS60F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com